Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C975 Datasheet(PDF) 93 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 93 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 89Page - Advanced Micro Devices AM79C975 Datasheet HTML 90Page - Advanced Micro Devices AM79C975 Datasheet HTML 91Page - Advanced Micro Devices AM79C975 Datasheet HTML 92Page - Advanced Micro Devices AM79C975 Datasheet HTML 93Page - Advanced Micro Devices AM79C975 Datasheet HTML 94Page - Advanced Micro Devices AM79C975 Datasheet HTML 95Page - Advanced Micro Devices AM79C975 Datasheet HTML 96Page - Advanced Micro Devices AM79C975 Datasheet HTML 97Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 304 page
background image
Am79C973/Am79C975
93
P R E L I M INARY
Figure 42. EPROM Only Configuration for the Expansion Bus (>64K EPROM)
Since setting MEMEN also enables memory mapped
access to the I/O resources, attention must be given to
the PCI Memory Mapped I/O Base Address register,
before enabling access to the Expansion ROM. The
host must set the PCI Memory Mapped I/O Base Ad-
dress register to a value that prevents the Am79C973/
Am79C975 controller from claiming any memory cy-
cles not intended for it.
During the boot procedure, the system will try to find an
Expansion ROM. A PCI system assumes that an Ex-
pansion ROM is present when it reads the ROM signa-
ture 55h (byte 0) and AAh (byte 1).
Direct Flash Access
Am79C973/Am79C975 controller supports Flash as an
Expansion ROM device, as well as providing a read/
wr ite data path to the Flash. Th e Am79C9 73 /
Am79C975 controller will support up to 1 Mbyte of
Flash on the Expansion Bus. The Flash is accessed by
a read or write to the Expansion Bus Data por t
(BCR30). The user must load the upper address
EPADDRU (BCR 29, bits 3-0) and then set the FLASH
(BCR29, bit 15) bit to a 1. The Flash read/write utilizes
the PCI clock instead of the EBCLK during all ac-
cesses. EPADDRU is not needed if the Flash size is
64K or less, but still must be programmed. The user will
then load the lower 16 bits of address, EPADDRL (BCR
28, bits 15-0).
Flash/EPROM Read
A read to the Expansion Bus Data Port (BCR30) will
start a read cycle on the Expansion Bus Interface. The
Am7 9 C 9 73/ Am79C 975 con t rolle r w ill d r iv e
EBUA_EBA[7:0] with the most significant address byte
at the same time the Am79C973/Am79C975 controller
will drive AS_EBOE high to strobe the address in the
external ‘374 (D flip-flop). On the next clock, the
Am79C973/Am79C975 controller will drive EBDA[15:8]
and EBUA_EBA[7:0] with the middle and least signifi-
cant address bytes.
EBUA_EBA[7:0]
EBDA[15:8]
EBD[7:0]
EBWE
EROMCS
A[15:8]
A[7:0]
DQ[7:0]
OE
CS
Am79C973
EPROM
AS_EBOE
'374
D-FF
A[23:16]
21510D-47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com