Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C975 Datasheet(PDF) 24 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 24 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 20Page - Advanced Micro Devices AM79C975 Datasheet HTML 21Page - Advanced Micro Devices AM79C975 Datasheet HTML 22Page - Advanced Micro Devices AM79C975 Datasheet HTML 23Page - Advanced Micro Devices AM79C975 Datasheet HTML 24Page - Advanced Micro Devices AM79C975 Datasheet HTML 25Page - Advanced Micro Devices AM79C975 Datasheet HTML 26Page - Advanced Micro Devices AM79C975 Datasheet HTML 27Page - Advanced Micro Devices AM79C975 Datasheet HTML 28Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 304 page
background image
24
Am79C973/Am79C975
P R E L I M INARY
PIN DESIGNATIONS (PQR160, PQL176)
Listed By Group
1. Not including test features
Pin Name
Pin Function
Type1
Driver
No. of Pins
PCI Bus Interface
AD[31:0]
Address/Data Bus
IO
TS3
32
C/BE[3:0]
Bus Command/Byte Enable
IO
TS3
4
CLK
Bus Clock
I
NA
1
DEVSEL
Device Select
IO
STS6
1
FRAME
Cycle Frame
IO
STS6
1
GNT
Bus Grant
I
NA
1
IDSEL
Initialization Device Select
I
NA
1
INTA
Interrupt
O
OD6
1
IRDY
Initiator Ready
IO
STS6
1
PAR
Parity
IO
TS3
1
PERR
Parity Error
IO
STS6
1
REQ
Bus Request
O
TS3
1
RST
Reset
I
NA
1
SERR
System Error
O
OD6
1
STOP
Stop
IO
STS6
1
TRDY
Target Ready
IO
STS6
1
Board Interface
LED0
LED0
O
LED
1
LED1
LED1
O
LED
1
LED2
LED2
O
LED
1
LED3
LED3
O
LED
1
XCLK
External Clock Source Select
I
NA
1
XTAL
Crystal Select
I
NA
1
XTAL1
Crystal Input -25 MHz Clock Reference
I
NA
1
XTAL2
Crystal Output
O
XTAL
1
EEPROM Interface
EECS
Serial EEPROM Chip Select
O
O6
1
EEDI
Serial EEPROM Data In
O
LED
1
EEDO
Serial EEPROM Data Out
I
NA
1
EESK
Serial EEPROM Clock
IO
LED
1
Expansion ROM Interface
AS_EBOE
Address Strobe/Expansion Bus Output Enable
O
O6
1
EBCLK
Expansion Bus Clock
I
NA
1
EBD[7:0]
Expansion Bus Data [7:0]
IO
TS6
8
EBDA[15:8]
Expansion Bus Data/Address [15:8]
IO
TS6
8
EBUA_EBA[7:0]
Expansion Bus Upper Address /Expansion Bus Address
[7:0]
O
O6
8
EBWE
Expansion Bus Write Enable
O
O6
1
EROMCS
Expansion Bus ROM Chip Select
O
O6
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com