Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C975 Datasheet(PDF) 236 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 236 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 232Page - Advanced Micro Devices AM79C975 Datasheet HTML 233Page - Advanced Micro Devices AM79C975 Datasheet HTML 234Page - Advanced Micro Devices AM79C975 Datasheet HTML 235Page - Advanced Micro Devices AM79C975 Datasheet HTML 236Page - Advanced Micro Devices AM79C975 Datasheet HTML 237Page - Advanced Micro Devices AM79C975 Datasheet HTML 238Page - Advanced Micro Devices AM79C975 Datasheet HTML 239Page - Advanced Micro Devices AM79C975 Datasheet HTML 240Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 304 page
background image
236
Am79C973/Am79C975
P R E L I M INARY
SWITCHING WAVEFORMS: SYSTEM BUS INTERFACE
Figure 58 CLK Waveform for 5 V Signaling
Figure 59 CLK Waveform for 3.3 V Signaling
Figure 60 Input Setup and Hold Timing
CLK
tHIGH
tFALL
tCYC
tRISE
tLOW
2.0 V
1.5 V
0.8 V
0.4 V
2.0 V
1.5 V
0.8 V
2.4 V
21510D-62
CLK
tHIGH
tFALL
tCYC
tRISE
tLOW
0.5 VDD_PCI
0.4 VDD_PCI
0.3 VDD_PCI
0.2 VDD_PCI
0.5 VDD_PCI
0.4 VDD_PCI
0.3 VDD_PCI
0.6 VDD_PCI
21510B21510D-63
CLK
tH
AD[31:00], C/BE[3:0],
PAR, FRAME, IRDY,
TRDY
, STOP,
DEVSEL
, IDSEL
tSU
GNT
tH(GNT)
tSU(GNT)
Tx
Tx
21510B21510D-64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com