Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C975 Datasheet(PDF) 273 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 273 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 269Page - Advanced Micro Devices AM79C975 Datasheet HTML 270Page - Advanced Micro Devices AM79C975 Datasheet HTML 271Page - Advanced Micro Devices AM79C975 Datasheet HTML 272Page - Advanced Micro Devices AM79C975 Datasheet HTML 273Page - Advanced Micro Devices AM79C975 Datasheet HTML 274Page - Advanced Micro Devices AM79C975 Datasheet HTML 275Page - Advanced Micro Devices AM79C975 Datasheet HTML 276Page - Advanced Micro Devices AM79C975 Datasheet HTML 277Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 304 page
background image
Am79C973/Am79C975
273
P R E L I M INARY
ler will not perform any power-consuming DMA opera-
tions. However, external circuitry can still respond to
control frames on the network to facilitate remote node
control. Table C-69 summarizes the operation of the
EADI interface.
When using the MII, the data arrives in nibbles and can
be at a rate of 25 MHz or 2.5 MHz.
The MII provides all necessary data and clock signals
needed for the EADI interface. Data for the EADI is the
RXD(3:0) receive data provided to the MII. RX_CLK is
provided to allow clocking of the RXD(3:0) receive nib-
ble stream into the external address detection logic.
The RXD(3:0) data is synchronous to the rising edge of
the RX_CLK.
The assertion of SFBD is a signal to the external ad-
dress detection logic that the SFD has been detected
and that the first valid data nibble is on the RXD(3:0)
data bus. The SFBD signal is delayed one RX_CLK
cycle from the above definition and actually signals the
start of valid data. In order to reduce the amount of
logic external to the Am79C973/Am79C975 controller
for multiple address decoding systems, the SFBD sig-
nal will go HIGH at each new byte boundary within the
packet, subsequent to the SFD. This eliminates the
need for externally supplying byte framing logic.
The EAR pin should be driven LOW by the external ad-
dress comparison logic to reject a frame.
External Address Detection Interface: Receive
Frame Tagging
The Am79C973/Am79C975 controller supports re-
ceive frame tagging in the MII mode. The receive frame
tagging implementation will be a two--wire chip inter-
face, respectively, added to the existing EADI.
The Am79C973/Am79C975 controller supports up to
15 bits of receive frame tagging per frame in the receive
frame status (RFRTAG). The RFRTAG bits are in the
receive frame status field in RMD2 (bits 30-16) in 32-bit
software mode. The receive frame tagging is not sup-
ported in the 16-bit software mode. The RFRTAG field
are all zeros when either the EADISEL (BCR2, bit3) or
the RXFRTAG (CSR7, bit 14) are set to 0. When
EADISEL (BCR2, bit 3) and RXFRTAG (CSR7, bit 14)
are set to 1, then the RFRTAG reflects the tag word
shifted in during that receive frame.
In the MII mode, the two-wire interface will use the
MIIRXFRTGD and MIIRXFRTGE pins from the EADI
interface. These pins will provide the data input and
data input enable for the receive frame tagging, respec-
tively. These pins are normally not used during the MII
operation.
The receive frame tag register is a shift register that
shifts data in MSB first, so that less than the 15 bits al-
located may be utilized by the user. The upper bits not
utilized will return zeros. The receive frame tag register
is set to 0 in between reception of frames. After receiv-
ing SFBD indication on the EADI, the user can start
shifting data into the receive tag register until one net-
work clock period before the Am79C973/Am79C975
controller receives the end of the current receive frame.
In the MII mode, the user must see the RX_CLK to
drive the synchronous receive frame tag data interface.
After receiving the SFBD indication, sampled by the ris-
ing edge of the RX_CLK, the user will drive the data
input and the data input enable synchronous with the
rising edge of the RX_CLK. The user has until one net-
work clock period before the deassertion of the RX_DV
to input the data into the receive frame tag register. At
the deassertion of the RX_DV, the receive frame tag
register will no longer accept data from the two-wire in-
terface. If the user is still driving the data input enable
pin, erroneous or corrupted data may reside in the re-
ceive frame tag register. See Figure C-79.
Figure 79. MII Receive Frame Tagging
Table 69. EADI Operations
PROM
EAR
Required
Timing
Received
Frames
1
X
No timing
requirements
All received frames
0
1
No timing
requirements
All received frames
0
0
Low for two bit
times plus 10 ns
Frame rejected if in
address match
mode
RX_CLK
RX_DV
MIIRXFRTGE
MIIRXFRTGD
SFBD
21510C-79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com