Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C975 Datasheet(PDF) 286 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 286 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 282Page - Advanced Micro Devices AM79C975 Datasheet HTML 283Page - Advanced Micro Devices AM79C975 Datasheet HTML 284Page - Advanced Micro Devices AM79C975 Datasheet HTML 285Page - Advanced Micro Devices AM79C975 Datasheet HTML 286Page - Advanced Micro Devices AM79C975 Datasheet HTML 287Page - Advanced Micro Devices AM79C975 Datasheet HTML 288Page - Advanced Micro Devices AM79C975 Datasheet HTML 289Page - Advanced Micro Devices AM79C975 Datasheet HTML 290Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 304 page
background image
286
Am79C973/Am79C975
P R E L I M INARY
cation pointer into this descriptor and then
changed the ownership to give the descriptor
to the Am79C973 controller back at S3. Note
that if steps S1, S2, and S3 have not com-
pleted at this time, a BUFF error will result.
C7
After filling the second buffer and performing
the last chance lookahead to the next descrip-
tor, the Am79C973 controller will write the sta-
tus and change the ownership bit of descriptor
number 2.
S6
After the ownership of descriptor number 2 has
been changed by the Am79C973 controller,
the next driver poll of the second descriptor will
show ownership granted to the CPU. The
driver now copies the data from buffer number
2 into the middle section of the application
buffer space. This operation is interleaved with
the C7 and C8 operations.
C8
The Am79C973 controller will perform data
DMA to the last buffer, whose pointer is point-
ing to application space. Data entering the
least buffer will not need the infamous double
copy that is required by existing drivers, since
it is being placed directly into the application
buffer space.
N2
The message on the wire ends.
S7
When the driver completes the copy of buffer
number 2 data to the application buffer space,
it begins polling descriptor number 3.
C9
When the Am79C973 controller has finished
all data DMA operations, it writes status and
changes ownership of descriptor number 3.
S8
The driver sees that the ownership of descrip-
tor number 3 has changed, and it calls the ap-
plication to tell the application that a frame has
arrived.
S9
The application processes the received frame
and generates the next TX frame, placing it
into a TX buffer.
S10
The driver sets up the TX descriptor for the
Am79C973 controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com