Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C975 Datasheet(PDF) 299 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 299 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 295Page - Advanced Micro Devices AM79C975 Datasheet HTML 296Page - Advanced Micro Devices AM79C975 Datasheet HTML 297Page - Advanced Micro Devices AM79C975 Datasheet HTML 298Page - Advanced Micro Devices AM79C975 Datasheet HTML 299Page - Advanced Micro Devices AM79C975 Datasheet HTML 300Page - Advanced Micro Devices AM79C975 Datasheet HTML 301Page - Advanced Micro Devices AM79C975 Datasheet HTML 302Page - Advanced Micro Devices AM79C975 Datasheet HTML 303Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 304 page
background image
Am79C973/Am79C975
299
P R E L I M INARY
External Address Reject Low . . . . . . . . . . .36
External Clock . . . . . . . . . . . . . . . . . . . . . .231
F
Far End Fault Generation and Detection . . .84
FIFO Burst Write At End Of
Unaligned Buffer . . . . . . . . . . . . . . . . . . .63
FIFO Burst Write At Start Of
Unaligned Buffer . . . . . . . . . . . . . . . . . . .62
FIFO DMA Transfers . . . . . . . . . . . . . . . . .60
Flash Read from Expansion Bus
Data Port . . . . . . . . . . . . . . . . . . . . . . . . . .94
Flash Write from Expansion Bus
Data Port . . . . . . . . . . . . . . . . . . . . . . . . . .95
Flash/EPROM Read . . . . . . . . . . . . . . . . . . .93
Flow, LAPP . . . . . . . . . . . . . . . . . . . . . . . .285
FMDC Values . . . . . . . . . . . . . . . . . . . . . .185
FRAME . . . . . . . . . . . . . . . . . . . . . . . . . . . .29
Frame Format at the MII Interface
Connection . . . . . . . . . . . . . . . . . . . . . . .270
Framing . . . . . . . . . . . . . . . . . . . . . . . . . . . .70
Full-Duplex Link Status LED Support . . . .79
Full-Duplex Operation . . . . . . . . . . . . . . . . .78
G
GENERAL DESCRIPTION . . . . . . . . . . . . .2
GNT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .29
H
H_RESET . . . . . . . . . . . . . . . . . . . . . . . . .107
I
I/O Buffer Ground (17 Pins) . . . . . . . . . . . .38
I/O Map In DWord I/O Mode
(DWIO = 1) . . . . . . . . . . . . . . . . . . . . . . .111
I/O Map In Word I/O Mode
(DWIO = 0) . . . . . . . . . . . . . . . . . . . . . . .110
I/O Registers . . . . . . . . . . . . . . . . . . . . . . .109
I/O Resources . . . . . . . . . . . . . . . . . . . . . . .109
IDSEL . . . . . . . . . . . . . . . . . . . . . . . . . . . . .29
IEEE 1149.1 (1990) Test Access Port
Interface . . . . . . . . . . . . . . . . . . . . . .36, 106
IEEE 1149.1 Supported Instruction
Summary . . . . . . . . . . . . . . . . . . . . . . . . .106
IEEE 802.3 Frame And Length Field
Transmission Order . . . . . . . . . . . . . . . . . .77
Initialization . . . . . . . . . . . . . . . . . . . . . . . . .63
Initialization Block . . . . . . . . . . . . . . . . . .203
Initialization Block (SSIZE32 = 0) . . . . . .203
Initialization Block (SSIZE32 = 1) . . . . . .204
Initialization Block DMA Transfers . . . . . .56
Initialization Block Read In
Burst Mode . . . . . . . . . . . . . . . . . . . . . . . .57
Initialization Block Read In
Non-Burst Mode . . . . . . . . . . . . . . . . . . . .57
Initialization Device Select . . . . . . . . . . . . .29
Initiator Ready . . . . . . . . . . . . . . . . . . . . . . .30
Input Setup and Hold Timing . . . . . . . . . .236
Instruction Register and Decoding
Logic . . . . . . . . . . . . . . . . . . . . . . . . . . . .106
INTA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .30
Interface Pin Assignment . . . . . . . . . . . . . .177
Internal Loopback Paths . . . . . . . . . . . . . . .80
Internal SRAM Configuration . . . . . . . . . . .96
Interrupt Request . . . . . . . . . . . . . . . . . . . . .30
Introduction . . . . . . . . . . . . . . . . . . . . . . . .284
IRDY . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .30
IREF Internal Current Reference . . . . . . . . .37
J
Jabber Function . . . . . . . . . . . . . . . . . . . . . .87
JTAG (IEEE 1149.1) TCK Waveform
for 5 V Signalin . . . . . . . . . . . . . . . . . . .238
JTAG (IEEE 1149.1) Test Signal
Timing . . . . . . . . . . . . . . . . . . . . . . .228, 239
K
Key to Switching Waveforms . . . . . . . . . .234
L
LAPP 3 Buffer Grouping . . . . . . . . . . . . . .288
LAPP Timeline . . . . . . . . . . . . . . . . . . . . .287
LAPP Timeline for Two-Interrupt
Method . . . . . . . . . . . . . . . . . . . . . . . . . .292
Late Collision . . . . . . . . . . . . . . . . . . . . . . . .75
LED Control Logic . . . . . . . . . . . . . . . . . .102
LED Default Configuration . . . . . . . . . . . .102
LED Support . . . . . . . . . . . . . . . . . . . . . . . .99
LED0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .31
LED1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .32
LED2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .32
LED3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .32
Legal I/O Accesses in Double
Word I/O Mode (DWIO =1) . . . . . . . . . .111
Legal I/O Accesses in Word I/O Mode
(DWIO = 0) . . . . . . . . . . . . . . . . . . . . . . .111
Link Change Detect . . . . . . . . . . . . . . . . . .103
Link Monitor . . . . . . . . . . . . . . . . . . . . . . . .84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com