Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C975 Datasheet(PDF) 114 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 114 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 110Page - Advanced Micro Devices AM79C975 Datasheet HTML 111Page - Advanced Micro Devices AM79C975 Datasheet HTML 112Page - Advanced Micro Devices AM79C975 Datasheet HTML 113Page - Advanced Micro Devices AM79C975 Datasheet HTML 114Page - Advanced Micro Devices AM79C975 Datasheet HTML 115Page - Advanced Micro Devices AM79C975 Datasheet HTML 116Page - Advanced Micro Devices AM79C975 Datasheet HTML 117Page - Advanced Micro Devices AM79C975 Datasheet HTML 118Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 304 page
background image
114
Am79C973/Am79C975
P R E L I M INARY
ler within AMD’s product line. The Am79C973/
Am79C975 Device ID is 2000h. Note that this Device
ID is not the same as the Part number in CSR88 and
CSR89. The Device ID is assigned by AMD. The De-
vice ID is the same as the PCnet-PCI II (Am79C970A)
and PCnet-FAST (Am79C971) devices.
The PCI Device ID register is located at offset 02h in
the PCI Configuration Space. It is read only.
PCI Command Register
Offset 04h
The PCI Command register is a 16-bit register used to
control the gross functionality of the Am79C973/
Am79C975 controller. It controls the Am79C973/
Am79C975 controller’s ability to generate and respond
to PCI bus cycles. To logically disconne ct th e
Am79C973/Am79C975 device from all PCI bus cycles
except configuration cycles, a value of 0 should be writ-
ten to this register.
The PCI Command register is located at offset 04h in
the PCI Configuration Space. It is read and written by
the host.
Bit
Name
Description
15-10
RES
Reserved locations. Read as ze-
ros; write operations have no ef-
fect.
9
FBTBEN
Fast Back-to-Back Enable. Read
as zero; write operations have no
effect.
The
Am79C973/
Am79C975 controller will not
generate Fast Back-to-Back cy-
cles.
8
SERREN
SERR Enable. Controls the as-
sertion of the SERR pin. SERR is
disabled
when
SERREN
is
cleared. SERR will be asserted
on detection of an address parity
error and if both SERREN and
PERREN (bit 6 of this register)
are set.
SERREN
is
cleared
by
H_RESET and is not effected by
S_RESET or by setting the STOP
bit.
7
RES
Reserved location. Read as ze-
ros; write operations have no ef-
fect.
6
PERREN
Parity Error Response Enable.
Enables the parity error response
functions. When PERREN is 0
and the Am79C973/Am79C975
controller detects a parity error, it
only sets the Detected Parity Er-
ror bit in the PCI Status register.
When
PERREN
is
1,
the
Am79C973/Am79C975 controller
asserts PERR on the detection of
a data parity error. It also sets the
DATAPERR bit (PCI Status reg-
ister, bit 8), when the data parity
error occurred during a master
cycle. PERREN also enables re-
porting
address
parity
errors
through the SERR pin and the
SERR bit in the PCI Status regis-
ter.
PERREN
is
cleared
by
H_RESET and is not affected by
S_RESET or by setting the STOP
bit.
5
VGASNOOP
VGA Palette Snoop. Read as ze-
ro; write operations have no ef-
fect.
4
MWIEN
Memory Write and Invalidate Cy-
cle Enable. Read as zero; write
operations have no effect. The
Am79C973/Am79C975 controller
only generates Memory Write cy-
cles.
3
SCYCEN
Special Cycle Enable. Read as
zero; write operations have no ef-
fect. The Am79C973/Am79C975
controller ignores all Special Cy-
cle operations.
2
BMEN
Bus
Master
Enable.
Setting
BMEN enables the Am79C973/
Am79C975 controller to become
a bus master on the PCI bus. The
host must set BMEN before set-
ting the INIT or STRT bit in CSR0
of
the
Am79C973/Am79C975
controller.
BMEN is cleared by H_RESET
and is not effected by S_RESET
or by setting the STOP bit.
1
MEMEN
Memory Space Access Enable.
The Am79C973/Am79C975 con-
troller will ignore all memory ac-
cesses when MEMEN is cleared.
The host must set MEMEN be-
fore the first memory access to
the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com