Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C975 Datasheet(PDF) 122 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 122 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 118Page - Advanced Micro Devices AM79C975 Datasheet HTML 119Page - Advanced Micro Devices AM79C975 Datasheet HTML 120Page - Advanced Micro Devices AM79C975 Datasheet HTML 121Page - Advanced Micro Devices AM79C975 Datasheet HTML 122Page - Advanced Micro Devices AM79C975 Datasheet HTML 123Page - Advanced Micro Devices AM79C975 Datasheet HTML 124Page - Advanced Micro Devices AM79C975 Datasheet HTML 125Page - Advanced Micro Devices AM79C975 Datasheet HTML 126Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 304 page
background image
122
Am79C973/Am79C975
P R E L I M INARY
Read/write accessible always.
Sticky bit. This bit is reset by
POR. H_RESET, S_RESET, or
setting the STOP bit has no ef-
fect.
14-13 DATA_SCALE
Data Scale. This two bit read-
only field indicates the scaling
factor to be used when interpret-
ing the value of the Data register.
The value and meaning of this
field will vary depending on the
DATA_SCALE field.
Read only.
12-9
DATA_SEL Data Select. This optional four-bit
field is used to select which data
is reported through the Data reg-
ister and DATA_SCALE field.
Read/write accessible always.
Sticky bit. This bit is reset by
POR. H_RESET, S_RESET, or
setting the STOP bit has no ef-
fect.
8
PME_EN
PME
Enable.
When
a
1,
PME_EN enables the function to
assert PME. When a 0, PME as-
sertion is disabled.
This bit defaults to “0” if the func-
tion does not support PME gener-
ation from D3cold.
If the function supports PME from
D3cold, then this bit is sticky and
must be explicitly cleared by the
operating system each time the
operating system is initially load-
ed.
Read/write accessible always.
Sticky bit. This bit is reset by
POR. H_RESET, S_RESET, or
setting the STOP bit has no ef-
fect.
7-2
RES
Reserved locations. Read only.
1-0
PWR_STATE Power State. This 2-bit field is
used both to determine the cur-
rent power state of a function and
to set the function into a new
power state. The definition of the
field values is given below.
00b - D0.
01b - D1.
10b - D2.
11b - D3.
These bits can be written and
read, but their contents have no
effect on the operation of the de-
vice.
Read/write accessible always.
PCI PMCSR Bridge Support Extensions Register
Offset 46h
Bit
Name
Description
7-0
PMCSR_BSE The PCI PMCSR Bridge Support
Extensions Register is an 8-bit
register. PMCSR Bridge Support
Extensions are not supported.
This register has a default value
of 00h.
The PCI PMCSR Bridge Support
Extensions register is located at
offset 46h in the PCI Configura-
tion Space. It is read only.
PCI Data Register
Offset 47h
Note: All bits of this register are loaded from EE-
PROM. The register is aliased to lower bytes of the
BCR37-44 for testing purposes.
Bit
Name
Description
7-0
DATA_REG The PCI Data Register is an 8-bit
register. Refer to the “PCI Bus
Power
Management
Interface
Specification” version 1.1 for a
more detailed description of this
register.
The PCI DATA register is located
at offset 47h in the PCI Configu-
ration Space. It is read only.
RAP Register
The RAP (Register Address Pointer) register is used to
gain access to CSR and BCR registers on board the
Am79C973/Am79C975 controller. The RAP contains
the address of a CSR or BCR.
As an example of RAP use, consider a read access to
CSR4. In order to access this register, it is necessary
to first load the value 0004h into the RAP by performing
a write access to the RAP offset of 12h (12h when WIO
mode has been selected, 14h when DWIO mode has



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com