Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C975 Datasheet(PDF) 129 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 129 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 125Page - Advanced Micro Devices AM79C975 Datasheet HTML 126Page - Advanced Micro Devices AM79C975 Datasheet HTML 127Page - Advanced Micro Devices AM79C975 Datasheet HTML 128Page - Advanced Micro Devices AM79C975 Datasheet HTML 129Page - Advanced Micro Devices AM79C975 Datasheet HTML 130Page - Advanced Micro Devices AM79C975 Datasheet HTML 131Page - Advanced Micro Devices AM79C975 Datasheet HTML 132Page - Advanced Micro Devices AM79C975 Datasheet HTML 133Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 304 page
background image
Am79C973/Am79C975
129
P R E L I M INARY
Byte swap only affects data
transfers that involve the FIFOs.
Initialization block transfers are
not affected by the setting of the
BSWP bit. Descriptor transfers
are not affected by the setting of
the BSWP bit. RDP, RAP, BDP
and PCI configuration space ac-
cesses are not affected by the
setting of the BSWP bit. Address
PROM transfers are not affected
by the setting of the BSWP bit.
Expansion ROM accesses are
not affected by the setting of the
BSWP bit.
Note that the byte ordering of the
PCI bus is defined to be little En-
dian. BSWP should not be set to
1
when
the
Am79C973/
Am79C975 controller is used in a
PCI bus application.
Read/Write accessible always.
BSWP is cleared by H_RESET or
S_RESET and is not affected by
STOP.
1-0
RES
Reserved location. The default
value of this bit is a 0. Writing a 1
to this bit has no effect on device
function. If a 1 is written to this bit,
then a 1 will be read back. Exist-
ing drivers may write a 1 to this bit
for compatibility, but new drivers
should write a 0 to this bit and
should treat the read value as un-
defined.
CSR4: Test and Features Control
Certain bits in CSR4 indicate the cause of an interrupt.
The register is designed so that these indicator bits are
cleared by writing ones to those bit locations. This
means that the software can read CSR4 and write back
the value just read to clear the interrupt condition.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15
RES
Reserved location. It is OK for
legacy software to write a 1 to this
location. This bit must be set
back to 0 before setting INIT or
STRT bits.
Read/Write accessible always.
This bit is cleared by H_RESET
or S_RESET and is unaffected by
the STOP bit.
14
DMAPLUS
Writing and reading from this bit
has no effect. DMAPLUS is al-
ways set to 1.
13
RES
Reserved Location. Written as
zero and read as undefined.
12
TXDPOLL
Disable Transmit Polling. If TXD-
POLL is set, the Buffer Manage-
ment Unit will disable transmit
polling. Likewise, if TXDPOLL is
cleared, automatic transmit poll-
ing is enabled. If TXDPOLL is set,
TDMD bit in CSR0 must be set in
order to initiate a manual poll of a
transmit descriptor. Transmit de-
scriptor polling will not take place
if TXON is reset. Transmit polling
will take place following Receive
activities.
Read/Write accessible always.
TXDPOLL
is
cleared
by
H_RESET or S_RESET and is
unaffected by the STOP bit.
11
APAD_XMT Auto Pad Transmit. When set,
APAD_XMT enables the auto-
matic padding feature. Transmit
frames will be padded to extend
them to 64 bytes including FCS.
The FCS is calculated for the en-
tire frame, including pad, and ap-
pended
after
the
pad
field.
APAD_XMT will override the pro-
gramming of the DXMTFCS bit
(CSR15,
bit
3)
and
of
the
ADD_FCS bit (TMD1, bit 29) for
frames shorter than 64 bytes.
Read/Write accessible always.
APAD_XMT
is
cleared
by
H_RESET or S_RESET and is
unaffected by the STOP bit.
10
ASTRP_RCV Auto Strip Receive. When set,
ASTRP_RCV enables the auto-
matic pad stripping feature. The
pad and FCS fields will be
stripped from receive frames and
not placed in the FIFO.
Read/Write accessible always.
ASTRP_RCV
is
cleared
by
H_RESET or S_RESET and is
unaffected by the STOP bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com