Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C98 Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM79C98
Description  Twisted-Pair Ethernet Transceiver (TPEX)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C98 Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM79C98 Datasheet HTML 3Page - Advanced Micro Devices AM79C98 Datasheet HTML 4Page - Advanced Micro Devices AM79C98 Datasheet HTML 5Page - Advanced Micro Devices AM79C98 Datasheet HTML 6Page - Advanced Micro Devices AM79C98 Datasheet HTML 7Page - Advanced Micro Devices AM79C98 Datasheet HTML 8Page - Advanced Micro Devices AM79C98 Datasheet HTML 9Page - Advanced Micro Devices AM79C98 Datasheet HTML 10Page - Advanced Micro Devices AM79C98 Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Am79C98
7
TEST
Test
Input, Active HIGH
This pin should be tied HIGH for normal operation. If
this pin is driven LOW, TPEX will enter Loopback Test
mode. The type of loopback is determined by the state
of the SQE TEST pin. If this pin is in the LOW state
(Station MAU), TPEX transfers data independently
from DO to the TXD/TXP circuit and from RXD to the DI
circuit. If the SQE TEST is in the HIGH state (Repeater
MAU), then data on the RXD circuit is transmitted back
onto the TXD/TXP circuit and data on the DO circuit is
transmitted onto the DI pair.
TXD+, TXD–
Transmit Data
Output
10BASE-T port differential drivers.
TXP+, TXP–
Transmit Predistortion
Output
Transmit waveform predistortion control.
XMT
Transmit
Output
This pin is driven HIGH while TPEX is receiving data on
the AUI DO pair and is transmitting data on the TXD/
TXP pins. The XMT and RCV pins are simultaneously
driven HIGH during collision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com