Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C98 Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # AM79C98
Description  Twisted-Pair Ethernet Transceiver (TPEX)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C98 Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button AM79C98 Datasheet HTML 13Page - Advanced Micro Devices AM79C98 Datasheet HTML 14Page - Advanced Micro Devices AM79C98 Datasheet HTML 15Page - Advanced Micro Devices AM79C98 Datasheet HTML 16Page - Advanced Micro Devices AM79C98 Datasheet HTML 17Page - Advanced Micro Devices AM79C98 Datasheet HTML 18Page - Advanced Micro Devices AM79C98 Datasheet HTML 19Page - Advanced Micro Devices AM79C98 Datasheet HTML 20Page - Advanced Micro Devices AM79C98 Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
AMD
17
Am79C98
SWITCHING CHARACTERISTICS (continued)
Parameter
Symbol
Parameter Description
Min
Max
Unit
Receive Timing
tPWKRD
RXD Pulse Width
|VIN| >|VTHS|
136
200
ns
Maintain/Turn-Off Threshold
(Note 5)
tRON
Receiver Start Up Delay
5 MHz Sinusoid
200
400
ns
(RXD to DI+/–)
tRVB
First Validly Timed Bit
tRON + 100
ns
on DI+/– (RXD to DI)
tRSD
Receiver Static Propagation
70
ns
Delay (RXD to DI)
tRETD
DI End of Transmission
200
ns
tRHD
RXD L–>H to DI+ L–>H
(Note 1)
tRSD – 2.5
tRSD + 2.5
ns
and DI– H–>L Delay
tRLD
RXD H–>L to DI+ H–>L
(Note 1)
tRSD – 2.5
tRSD + 2.5
ns
and DI- L->H Delay
tRR
DI+, DI–, CI+, CI– Rise
5.0
ns
Time (10% to 90%)
tRF
DI+, DI–, CI+, CI– Fall
5.0
ns
Time (10% to 90%)
tRM
DI+/– & CI+/– Rise and Fall
2.0
ns
Time Mismatch (|tRR – tRF|)
tRCVON
RCV Asserted Delay
tRON – 50
tRON + 100
ns
tRCVOFF
RCV De-asserted Delay
tRSD + 250
ns
Collision Detection and SQE Test
tCON
Collision Turn-On
500
ns
Delay (CI+/–)
tCOFF
Collision Turn-Off
500
ns
Delay (CI+/–)
tPER
Collision Period (CI+/–)
87
117
ns
tCPW
Collision Output Pulse Width
40
60
ns
(CI+/-)
tSQED
SQE Test Delay Time
600
1600
ns
tSQEL
SQE Test Length
500
1500
ns
Notes:
1. Parameter not tested.
2. Uses switching test load.
3. DO pulses narrower than tPWODO (min) will be rejected; pulses wider than tPWODO (max) will turn internal DO carrier sense on.
4. DO pulses narrower than tPWKDO (min) will maintain internal DO carrier sense on; pulses wider than tPWKDO (max) will turn
internal DO carrier sense off.
5. RXD pulses narrower than tPWKRD (min) will maintain internal RXD carrier sense on; pulses wider than tPWKRD (max) will turn
internal RXD carrier sense off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com