Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C98 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM79C98
Description  Twisted-Pair Ethernet Transceiver (TPEX)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C98 Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM79C98 Datasheet HTML 1Page - Advanced Micro Devices AM79C98 Datasheet HTML 2Page - Advanced Micro Devices AM79C98 Datasheet HTML 3Page - Advanced Micro Devices AM79C98 Datasheet HTML 4Page - Advanced Micro Devices AM79C98 Datasheet HTML 5Page - Advanced Micro Devices AM79C98 Datasheet HTML 6Page - Advanced Micro Devices AM79C98 Datasheet HTML 7Page - Advanced Micro Devices AM79C98 Datasheet HTML 8Page - Advanced Micro Devices AM79C98 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
FINAL
Publication# 14395
Rev: D Amendment/0
Issue Date: May 1994
1
Am79C98
Twisted-Pair Ethernet Transceiver (TPEX)
DISTINCTIVE CHARACTERISTICS
s CMOS device provides compliant operation and
low operating current from a single +5 V supply
s Power Down mode provides reduced power
consumption for battery-powered applications.
Reset capability allows use in remote MAU
applications.
s Pin-selectable twisted-pair receive polarity
detection and automatic inversion of the receive
signal. Polarity indication output pin can
directly drive an LED.
s Pin-selectable twisted-pair Link Integrity Test
capability conforming to the IEEE 802.3
standard for 10BASE-T. Link status pin can
directly drive an LED.
s Internal twisted-pair transmitter digital
predistortion circuit reduces medium-induced
jitter and ensures compliance with the
10BASE-T transmit and receive waveform
requirements
s Pin-selectable SQE Test (heartbeat) enable
s Transmit and receive status indications are
available on separate, dedicated pins
s AUI loopback, Jabber Control, and SQE Test
functions comply with the 10BASE-T standard
IEEE Std 802.3i-1990
GENERAL DESCRIPTION
The Am79C98 Twisted-Pair Ethernet Transceiver
(TPEX) is an integrated circuit that implements the
medium attachment unit (MAU) functions for the
twisted-pair medium, as specified by the IEEE 802.3
standard (Type 10BASE-T). This device provides the
necessary electrical and functional interface between
the IEEE 802.3 standard attachment unit interface
(AUI) and the twisted-pair cable.
A network based on the 10BASE-T standard can use
unshielded twisted-pair cables, providing an economi-
cal solution to networking by allowing the use of exist-
ing telephone wiring. The Am79C98 provides a minimal
component count and cost-effective solution to the
design and implementation of 10BASE-T standard
networks.
TPEX provides twisted-pair driver and receiver circuits,
including on-board transmit digital predistortion, re-
ceiver squelch, and an AUI port with pin-selectable
SQE Test enable. The device also provides a number of
additional features, including pin-selectable Twisted-
Pair Receive Polarity Detection and Automatic Polarity
Reversal, Link Status indication, Link Test disable func-
tion, and transmit and receive status. The Twisted-Pair
Polarity and Link Status pins can be used to drive LEDs
directly.
The Am79C98 is fabricated in CMOS technology and
requires a single +5 V supply. The device is available in
24-pin SKINNYDIP® plastic dual in-line and 28-pin
plastic leaded chip carrier (PLCC) packaging.


Similar Part No. - AM79C98

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
AM79C98 PULSE-AM79C98 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Advanced Micro Devices
AM79C981 AMD-AM79C981 Datasheet
347Kb / 40P
Integrated Multiport Repeater Plus??(IMR??
logo
Pulse A Technitrol Comp...
AM79C981 PULSE-AM79C981 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Advanced Micro Devices
AM79C981JC AMD-AM79C981JC Datasheet
347Kb / 40P
Integrated Multiport Repeater Plus??(IMR??
AM79C982 AMD-AM79C982 Datasheet
254Kb / 26P
basic Integrated Multiport Repeater (bIMR)
More results

Similar Description - AM79C98

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C100 AMD-AM79C100 Datasheet
208Kb / 24P
Twisted-Pair Ethernet Transceiver Plus (TPEX Plus)
logo
Level One
LXT902 LVL1-LXT902 Datasheet
404Kb / 14P
Ethernet Twisted-Pair Media Attachment Unit
LXT906 LVL1-LXT906 Datasheet
750Kb / 10P
Ethernet Twisted-Pair/Coax Adapter
logo
National Semiconductor ...
DP83220 NSC-DP83220 Datasheet
136Kb / 10P
CDL Twisted Pair FDDI Transceiver Device
logo
ON Semiconductor
NCN5120 ONSEMI-NCN5120 Datasheet
418Kb / 54P
Transceiver for KNX Twisted Pair Networks
April, 2013 ??Rev. 2
NCN5110 ONSEMI-NCN5110_16 Datasheet
289Kb / 24P
Transceiver for KNX Twisted Pair Networks
September, 2016 ??Rev. 1
NCN5120 ONSEMI-NCN5120_15 Datasheet
460Kb / 55P
Transceiver for KNX Twisted Pair Networks
October, 2015 ??Rev. 6
NCN5121 ONSEMI-NCN5121_16 Datasheet
466Kb / 58P
Transceiver for KNX Twisted Pair Networks
September, 2016 ??Rev. 1
NCN5130 ONSEMI-NCN5130_16 Datasheet
469Kb / 58P
Transceiver for KNX Twisted Pair Networks
September, 2016 ??Rev. 3
NCN51206GEVB ONSEMI-NCN51206GEVB Datasheet
460Kb / 55P
Transceiver for KNX Twisted Pair Networks
October, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com