Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C983A Datasheet(PDF) 42 Page - Advanced Micro Devices

Part # AM79C983A
Description  Integrated Multiport Repeater 2 (IMR2??
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C983A Datasheet(HTML) 42 Page - Advanced Micro Devices

Back Button AM79C983A Datasheet HTML 38Page - Advanced Micro Devices AM79C983A Datasheet HTML 39Page - Advanced Micro Devices AM79C983A Datasheet HTML 40Page - Advanced Micro Devices AM79C983A Datasheet HTML 41Page - Advanced Micro Devices AM79C983A Datasheet HTML 42Page - Advanced Micro Devices AM79C983A Datasheet HTML 43Page - Advanced Micro Devices AM79C983A Datasheet HTML 44Page - Advanced Micro Devices AM79C983A Datasheet HTML 45Page - Advanced Micro Devices AM79C983A Datasheet HTML 46Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
42
Am79C983A
PRELIMINARY
The contents of all attribute registers are maintained
during hardware or software reset.
These attributes and their definitions comply with the
IEEE 802.3 Repeater Management standard,
Section19 (
Layer Management for 10 Mb/s Baseband
Repeaters). A brief description of attributes is included
here for reference only. For more details refer to the
IEEE document. An IMR2-based hub can be designed
that will comply with IETF RFC 1515 and RFC 1516.
The Port Attribute Registers can be written into if one of
two conditions are met. The first is when either the M bit
or the R bit on the Device Configuration Register is set.
The second is when the corresponding port is disabled.
Readable Frames
Address:
1110 0000
Readable Frames is a read-only attribute that counts
the number of valid frames detected by the port. Valid
frames are from 64 bytes to 1518 bytes in length, have
a valid frame CRC, and are received without a collision.
This attribute is a 32-bit counter with a minimum roll-
over time of 80 hours.
Readable Octets
Address:
1110 0001
Readable Octets is a read-only attribute that counts the
number of octets received on each port. This number is
determined by adding the frame length to this register at
the completion of every valid frame.This attribute is a 32-
bit counter with a minimum rollover time of 58 minutes.
Frame Check Sequence (FCS) Errors
Address:
1110 0010
FrameCheckSequence (FCS) Errors is a read-only
attribute that counts the number of frames detected on
each port with an invalid frame check sequence. This
counter is incremented on each frame of valid length
(64 bytes to 1518 bytes) that does not suffer a collision
during the frame. This counter is incremented on each
invalid frame. However, it is not incremented for frames
with both framing errors and frame check sequence
errors. This attribute is a 32-bit counter with a minimum
rollover time of 80 hours.
Alignment Errors
Address:
1110 0011
Alignment Errors is a read-only attribute that counts the
number of frames detected on each port with an FCS
error and a framing error. This counter is incremented on
each frame of valid length (64 bytes to 1518 bytes) that
does not suffer a collision during the frame. Frames that
have both framing errors and FCS errors are counted by
this attribute, but not by the Frame Check Sequence
Errors attribute. This attribute is a 32-bit counter with a
minimum rollover time of 80 hours.
Frames Too Long
Address:
1110 0100
Frames Too Long is a read-only attribute that counts
the number of frames that exceed the maximum valid
packet length of 1518 bytes. This attribute is a 32-bit
counter with a minimum rollover time of 61 days.
bit 0
bit 31
bit 24
D Port Read
LSB
Byte 0
Byte 1
Byte 2
Byte 3
bit 7
MSB
bit 0
bit 31
bit 24
D Port Read
LSB
Byte 0
Byte 1
Byte 2
Byte 3
bit 7
MSB
bit 0
bit 31
bit 24
D Port Read
LSB
Byte 0
Byte 1
Byte 2
Byte 3
bit 7
MSB
bit 0
bit 31
bit 24
D Port Read
LSB
Byte 0
Byte 1
Byte 2
Byte 3
bit 7
MSB
bit 0
bit 31
bit 24
D Port Read
LSB
Byte 0
Byte 1
Byte 2
Byte 3
bit 7
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com