Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C983A Datasheet(PDF) 48 Page - Advanced Micro Devices

Part # AM79C983A
Description  Integrated Multiport Repeater 2 (IMR2??
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C983A Datasheet(HTML) 48 Page - Advanced Micro Devices

Back Button AM79C983A Datasheet HTML 44Page - Advanced Micro Devices AM79C983A Datasheet HTML 45Page - Advanced Micro Devices AM79C983A Datasheet HTML 46Page - Advanced Micro Devices AM79C983A Datasheet HTML 47Page - Advanced Micro Devices AM79C983A Datasheet HTML 48Page - Advanced Micro Devices AM79C983A Datasheet HTML 49Page - Advanced Micro Devices AM79C983A Datasheet HTML 50Page - Advanced Micro Devices AM79C983A Datasheet HTML 51Page - Advanced Micro Devices AM79C983A Datasheet HTML 52Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
48
Am79C983A
PRELIMINARY
Figure 10. PR Port Connection to an Am79C90 C-Lance
Port Switching
Port switching allows the movement of individual ports
between multiple Ethernet collision domains via soft-
ware. This capability enables the network manager to
optimize network performance by dynamically balanc-
ing the loads on a network. As an example, a port ex-
hibiting a high level of activity can be moved to a less
congested collision domain.
The method of implementing port switching with the
IMR2/QuIET chip set is to connect a single transceiver
port to multiple IMR2 devices. The number of IMR2 de-
vices will equal the number of backplanes supported in
the hub. 11 is a simplified schematic showing a hub
with three separate backplanes. Only one QuIET de-
vice is shown for simplicity, although it is expected that
most applications will use three QuIET devices to en-
able 12 port multiples.
The following discussion of port switching will con-
sider only port 0; although, it is equally applicable to
all of the ports. At any time, PAUI
[0] is enabled on one,
and only one, IMR2 device. As a result, port 0 is trans-
ferred to whichever IMR2 device has PAUI
[0] enabled.
The other two IMR2 devices will have PAUI
[0]
disabled with PDO
[0] in a high impedance state. To
move port 0 to another backplane, the software will
disable PAUI
[0] on the active IMR2 device and enable
PAUI
[0] on the targeted IMR2 device that represents
the desired backplane. Pseudo AUI ports can be
disabled or enabled by setting the appropriate bit in
the Port Switching Control Register.
Although there are multiple IMR2 devices, only one has
management control of the QuIET devices. 11 shows
IMR2 device 0 having management control. The other
two devices do not have any control over the configura-
tion of the QuIET devices.
The number of IMR2 devices that can be connected to-
gether is limited by the load on the PAUI drivers. The
PAUI will operate reliably with a load up to 100 pF. On
a system that uses sockets for the IMR2 devices, the
maximum number of devices is six. This number can in-
crease as long as the total load capacitance is kept
below 100 pF.
COL
JAM
MACEN
DAT
4.9 k
Ω
+5 V
ECLK
Clock
Generator
CLSN
RCLK
RX
RENA
TENA
TX
TCL
Am79C90 (C-LANCE)
PCLK
PDRV
PDAT
PENAI
PENAO
19879B-14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com