| Electronic Components Datasheet Search |
|
AM79C985 Datasheet(PDF) 23 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C985 Datasheet(HTML) 23 Page - Advanced Micro Devices |
|
23 / 48 page ![]() Am79C985 23 PRELIMINARY When two eIMR+ devices are connected to one HIMIB device, the secondary device transmits the status of its TP ports, then transmits the status of the primary eIMR+ TP ports and AUI port (CRS and CI). Note that the sec- ondary device does not transmit the status of its AUI port. At Reset, the secondary device (and single eIMR+ device) internally synchronizes the CRS stream to begin with the AUI CI bit. SO is the eIMR+ device response to a Get command. The pins SI_D and CRS_I are multi-purpose pins. Their primary purpose is management input to the primary eIMR+ device. They are also used to set the manage- ment mode of the eIMR+ device. The mode is set on the rising edge of RST. The settings are shown in Table 4. Following reset, the eIMR+ devices retain their manage- ment designations. However, CRS_I and SI_D return to their management port functions. Command/Response Timing Figure 7 shows the command/response timing. At the end of a GET command, the eIMR+ device waits two SCLK cycles and then transmits the response on SO. The secondary eIMR+ device stores the data received on the SI_D input (from the primary eIMR+ device) in an internal register. When it has transmitted D3 data, it appends the received response to the end of the SO signal. Following reset, after the eIMR+ devices have been as- signed their primary and secondary designation, SO and SI_D return to their management-port functions. Port Activity In addition to providing a means for receiving com- mands and sending data in response to those com- mands, the management port includes a CRS signal that transmits the state of the eIMR+ device’s internal carrier-sense signals. When two eIMR+ devices are connected to one Am79C987 HIMIB device (as shown in the System Applications section), CRS_I of the secondary device receives the following signals from the primary device: the carrier-sense signals of the AUI port, the CI-bit sta- tus of the AUI port, and the carrier-sense signals of the TP ports. The secondary device transmits the status of the AUI port (CRS and CI) for the primary device, the status of its own TP ports (TP0-TP3), and then the sta- tus of the primary device’s TP ports (TP4-TP7). The status of the AUI port of the secondary device is not retransmitted (see Figure 8). Figure 7. Management Get Command/Response Table 4. eIMR+ Device Management Designations Two eIMR+ Devices CRS_I SI_D Single eIMR+ Device Primary eIMR+ Device Secondary eIMR+ Device 0 0 √ 0 1 √ 1 0 √ 1 1 √ Note: For SO on the Primary device, D[3:0] corresponds to TP[7:4]. ST D0 D1 D2 D3 D4 D5 D6 D7 ST D0 D1 D2 D3 SCLK SI SO Primary eIMR+ Device or Single eIMR+ Device ST D0 D1 D2 D3 D4 D5 D6 D7 SO Secondary eIMR+ Device 20651B-12 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |