Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C985 Datasheet(PDF) 47 Page - Advanced Micro Devices

Part # AM79C985
Description  enhanced Integrated Multiport Repeater Plus (eIMR??
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C985 Datasheet(HTML) 47 Page - Advanced Micro Devices

Back Button AM79C985 Datasheet HTML 40Page - Advanced Micro Devices AM79C985 Datasheet HTML 41Page - Advanced Micro Devices AM79C985 Datasheet HTML 42Page - Advanced Micro Devices AM79C985 Datasheet HTML 43Page - Advanced Micro Devices AM79C985 Datasheet HTML 44Page - Advanced Micro Devices AM79C985 Datasheet HTML 45Page - Advanced Micro Devices AM79C985 Datasheet HTML 46Page - Advanced Micro Devices AM79C985 Datasheet HTML 47Page - Advanced Micro Devices AM79C985 Datasheet HTML 48Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
Am79C985
A-1
Appendix A
Security
EAVESDROP PROTECTION
The eIMR+/HIMIB devices are capable of providing
network eavesdrop protection. This feature is protected
by a software key. An application note containing the
necessary software key and implementation details is
available from AMD. A brief description of eavesdrop
protection is given below. For more information, contact
your local AMD sales representative.
FEATURES SUMMARY
Eavesdrop protection is based on the concept that con-
fidential data should only be received by specified se-
cure stations. The eIMR+/HIMIB devices are capable of
repeating packets only to ports considered secure for a
packet’s destination address. On all other ports, trans-
mission can be disrupted by transmitting a pattern of
alternating 1s and 0s.
The eIMR+/HIMIB can disrupt packet transmission, as
described above, on ports not having a valid address.
Valid addresses are determined by comparing a
packet’s destination address with the two address reg-
isters associated with each repeater port: Last Source
Address Register and Preferred Source Address Reg-
ister. Eavesdrop protection can be masked on a port-
by-port basis. Disruption of multicast packets can also
be masked on a port-by-port basis. If the destination
address is a broadcast address, the packet is transmit-
ted unmodified on all ports.
In many instances, a station targeted with a specific
destination address will not reside within the same re-
peater as the originating station. To ensure that packets
arrive at the intended destination, eIMR+/HIMIB ports
can be programmed to pass packets with an invalid des-
tination address undisturbed if no other port on the re-
peater has a valid address that matches the destination
address. The eIMR+/HIMIB devices can determine if
there is a match on the repeater by monitoring its ports
and by monitoring signals on the eIMR+/HIMIB expan-
sion bus.
Figure A1.
STR Input Signal from Am79C987 HIMIB Device
AUI
TP0
TP1
TP2
TP3
TP4
TP5
TP6
TP7
CLK
TCLK
STR
Note: TCLK illustrates internal eIMR+ chip clock phase relationship.
20651B-34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com