| Electronic Components Datasheet Search |
|
AM79C985 Datasheet(PDF) 26 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C985 Datasheet(HTML) 26 Page - Advanced Micro Devices |
|
26 / 48 page ![]() 26 Am79C985 PRELIMINARY SET (Write Commands) Chip Programmable Options SI Data 0000 1CSA SO Data (Pri) None SO Data (Sec) None The eIMR+ chip programmable options can be enabled (or disabled) by setting (or resetting) one or more of the C, S, and A bits in the command string. The three pro- grammable options are C - CI Reporting, S - AUI test mask, and A - Alternate port activity monitor (PAM) function. C HIMIB Connection This bit, when set, indicates to the eIMR+ device that it is connected to a HIMIB device. S AUI SQE Test Mask Setting this bit allows the eIMR+ chip to ignore activity on the CI signal pair, during the SQE test window, fol- lowing a transmission on the AUI port. Enabling this function does not prevent the reporting of this condi- tion by the eIMR+ device. The two functions operate independently. The SQE Test Window, as defined in IEEE 802.3 (Sec- tion 7.2.2.2.4) is from 6 bit times to 34 bit times (0.6 µs to 3.4 µs). This includes the delay introduced by a 50- m AUI. CI activity that occurs outside this window is not ignored and is treated as a true collision. A Alternate Port Activity Monitor Function Setting this bit causes the Port Activity Monitor (PAM) function to be altered such that the CRS data is pre- sented unmodified. In default operation, CRS is masked if the port is either disabled or partitioned. Note that the HIMIB device resets this bit (default operation). Alternate AUI Partitioning Algorithm SI Data 0001 1111 SO Data (Pri) None SO Data (Sec) None Invoking this command sets the partition/reconnection scheme for the AUI port to the alternate (transmit-only) reconnection algorithm. To return the AUI port to the standard (transmit or receive) reconnection algorithm, it is necessary to reset the eIMR+ device. The standard partitioning algorithm is selected on reset. If two eIMR+ devices are connected, this command sets both AUI ports. Alternate TP Partitioning Algorithm SI Data 0001 0000 SO Data (Pri) None SO Data (Sec) None Invoking this command sets the partition/reconnection scheme for the TP ports to the alternate (transmit-only) reconnection algorithm. To return the TP ports to the standard (transmit or receive) reconnection algorithm, it is necessary to reset the eIMR+ device. The standard partitioning algorithm is selected on reset. Primary AUI Port Disable SI 0010 1111 SO Data (Pri) None SO Data (Sec) None This command disables the AUI port on the primary eIMR+ device. Subsequently the eIMR+ chip will ig- nore all inputs to this port and will not transmit a DAT or JAM pattern on the AUI port. Disabling the AUI port also sets the partitioning state machine of the AUI port to the idle state. Therefore, a partitioned port can be re- connected by first disabling the AUI port and then en- abling the AUI port. The AUI port on the primary eIMR+ device defaults to enabled on reset. Secondary AUI Port Disable SI Data 0010 1110 SO Data (Pri) None SO Data (Sec) None This command disables the AUI port on the eIMR+ de- vice designated as the secondary HIMIB attachment. Subsequently the eIMR+ chip will ignore all inputs to this port and will not transmit a DAT or JAM pattern on the AUI port. Disabling the AUI port also sets the parti- tioning state machine of the AUI port to the idle state. Therefore, a partitioned port can be reconnected by first disabling the AUI port and then enabling the AUI port. The AUI port on the secondary eIMR+ device defaults to enabled on reset. Primary AUI Port Enable SI 0011 1111 SO Data (Pri) None SO Data (Sec) None This command enables the AUI port on the primary eIMR+ device. Secondary AUI Port Enable SI Data 0011 1110 SO Data (Pri) None SO Data (Sec) None This command enables the AUI port on the eIMR+ de- vice designated as the secondary HIMIB attachment. When enabled, the secondary AUI port is fully func- tional, and can be controlled by the serial/management interface. However, when used with the Am79C987 de- vice, no status is displayed for this port since the HIMIB device does not manage this port. At reset, this port is enabled. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |