Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q16CVZPIP Datasheet(PDF) 69 Page - Winbond

Part # W25Q16CVZPIP
Description  3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16CVZPIP Datasheet(HTML) 69 Page - Winbond

Back Button W25Q16CVZPIP Datasheet HTML 65Page - Winbond W25Q16CVZPIP Datasheet HTML 66Page - Winbond W25Q16CVZPIP Datasheet HTML 67Page - Winbond W25Q16CVZPIP Datasheet HTML 68Page - Winbond W25Q16CVZPIP Datasheet HTML 69Page - Winbond W25Q16CVZPIP Datasheet HTML 70Page - Winbond W25Q16CVZPIP Datasheet HTML 71Page - Winbond W25Q16CVZPIP Datasheet HTML 72Page - Winbond W25Q16CVZPIP Datasheet HTML 73Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 81 page
background image
W25Q16CV
Publication Release Date: October 03, 2013
- 69 -
Revision G
9.2
8-Pin VSOP 150-mil (Package Code SV)
Symbol
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A
---
---
1.00
---
---
0.039
A1
0.05
0.10
0.15
0.002
0.004
0.006
A2
0.75
0.80
0.85
0.030
0.031
0.033
Q
0.19
0.20
0.21
0.007
0.008
0.008
b
0.33
---
0.51
0.013
---
0.020
c
0.125 BSC
0.005 BSC
D
4.80
4.90
5.00
0.189
0.193
0.197
E
5.80
6.00
6.20
0.228
0.236
0.244
E1
3.80
3.90
4.00
0.150
0.154
0.157
e
1.27 BSC
0.050 BSC
L
0.40
0.71
1.27
0.016
0.028
0.050
θ
0°
---
10°
0°
---
10°
Notes:
1.
Dimension “D” does not include mold flash, protrusions or gate burrs. Mold flash, protrusions and gate burrs shall not exceed
0.15mm per side.
2.
Dimension “E1” does not include inter-lead flash or protrusions. Inter-lead flash and protrusions shall not exceed 0.25mm per
side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com