Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q16CVZPIP Datasheet(PDF) 29 Page - Winbond

Part # W25Q16CVZPIP
Description  3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16CVZPIP Datasheet(HTML) 29 Page - Winbond

Back Button W25Q16CVZPIP Datasheet HTML 25Page - Winbond W25Q16CVZPIP Datasheet HTML 26Page - Winbond W25Q16CVZPIP Datasheet HTML 27Page - Winbond W25Q16CVZPIP Datasheet HTML 28Page - Winbond W25Q16CVZPIP Datasheet HTML 29Page - Winbond W25Q16CVZPIP Datasheet HTML 30Page - Winbond W25Q16CVZPIP Datasheet HTML 31Page - Winbond W25Q16CVZPIP Datasheet HTML 32Page - Winbond W25Q16CVZPIP Datasheet HTML 33Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 81 page
background image
W25Q16CV
Publication Release Date: October 03, 2013
- 29 -
Revision G
7.2.12 Fast Read Dual Output (3Bh)
The Fast Read Dual Output (3Bh) instruction is similar to the standard Fast Read (0Bh) instruction except
that data is output on two pins; IO0 and IO1. This allows data to be transferred from the W25Q16CV at
twice the rate of standard SPI devices. The Fast Read Dual Output instruction is ideal for quickly
downloading code from Flash to RAM upon power-up or for applications that cache code-segments to
RAM for execution.
Similar to the Fast Read instruction, the Fast Read Dual Output instruction can operate at the highest
possible frequency of FR (see AC Electrical Characteristics). This is accomplished by adding eight
“dummy” clocks after the 24-bit address as shown in Figure 11. The dummy clocks allow the device's
internal circuits additional time for setting up the initial address. The input data during the dummy clocks
is “don’t care”. However, the IO
0 pin should be high-impedance prior to the falling edge of the first data
out clock.
/CS
CLK
DI
(IO
0)
DO
(IO
1)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (3Bh)
High Impedance
8
9
10
28
29
30
32
33
34
35
36
37
38
39
6
4
2
0
24-Bit Address
23
22
21
3
2
1
0
*
*
31
31
/CS
CLK
DI
(IO
0)
DO
(IO
1)
Dummy Clocks
0
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
7
5
3
1
High Impedance
6
4
2
0
7
5
3
1
6
4
2
0
7
5
3
1
6
4
2
0
7
5
3
1
IO
0 switches from
Input to Output
6
7
Data Out 1
* Data Out 2
* Data Out 3
* Data Out 4
= MSB
*
Figure 11. Fast Read Dual Output Instruction Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com