Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C989 Datasheet(PDF) 23 Page - Advanced Micro Devices

Part # AM79C989
Description  Quad Ethernet Switching Transceiver (QuEST??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C989 Datasheet(HTML) 23 Page - Advanced Micro Devices

Back Button AM79C989 Datasheet HTML 19Page - Advanced Micro Devices AM79C989 Datasheet HTML 20Page - Advanced Micro Devices AM79C989 Datasheet HTML 21Page - Advanced Micro Devices AM79C989 Datasheet HTML 22Page - Advanced Micro Devices AM79C989 Datasheet HTML 23Page - Advanced Micro Devices AM79C989 Datasheet HTML 24Page - Advanced Micro Devices AM79C989 Datasheet HTML 25Page - Advanced Micro Devices AM79C989 Datasheet HTML 26Page - Advanced Micro Devices AM79C989 Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
Am79C989
23
PRELIMINARY
Auto-Negotiation Expansion Register (Reg 6)
The Auto-Negotiation Expansion Register (Reg 6) pro-
vides additional information which assists in the Auto-
Negotiation process. The Auto-Negotiation Register
bits are Read/Only (R/O) or Cleared on Read (COR).
This register is duplicated for each port.
Table 14.
Auto-Negotiation Expansion Register (Reg 6)
Auto-Negotiation Next Page Register (Reg 7)
The Auto-Negotiation Next Page Register (Reg 7) con-
tains the next link page link code word to be transmit-
ted. The Auto-Negotiation Next Page Register contains
Read/Write (R/W) or Read/Only (R/O) bits. On power-
up the default value of 0x2001 represents a message
page with the message code set to null. This register is
duplicated for each port.
Table 15.
Auto-Negotiation Next Page Register (Reg 7)
Bit(s)
Name
Description
Read/
Write
Default/
Reset
15:4
Reserved
Written and read as zero.
R/O
0
3
Link Partner Next
Page Able
1 = Link partner is next page able.
0 = Link partner is not next page able.
R/O
0
2
Next Page Able
1 = QuEST device port is next page able.
0 = Not applicable.
R/O
1
1
Page Received
1 = A new page has been received.
0 = A new page has not been received.
Cleared on Read.
R/O, COR
0
0
Link Partner Auto-
Negotiation Able
1 = Link partner is Auto-Negotiation able.
0 = Link partner is not Auto-Negotiation able.
R/O
0
Bit(s)
Name
Description
Read/
Write
Default/
Reset
15
Next Page
1 = QuEST device port next page requested;
0 = QuEST device port next page not requested.
R/W
0
14
Reserved
Written and read as zero.
R/O
0
13
Message Page
1 = QuEST device port message page requested;
0 = QuEST device port unformatted page requested.
R/W
1
12
Acknowledge 2
1 = QuEST device port can comply with the request;
0 = QuEST device port cannot comply with the request.
R/W
0
11
Toggle
QuEST device port toggle bit.
R/O
0
10:0
Message Field
Message code field.
R/W
0x001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com