Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C989 Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AM79C989
Description  Quad Ethernet Switching Transceiver (QuEST??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C989 Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AM79C989 Datasheet HTML 14Page - Advanced Micro Devices AM79C989 Datasheet HTML 15Page - Advanced Micro Devices AM79C989 Datasheet HTML 16Page - Advanced Micro Devices AM79C989 Datasheet HTML 17Page - Advanced Micro Devices AM79C989 Datasheet HTML 18Page - Advanced Micro Devices AM79C989 Datasheet HTML 19Page - Advanced Micro Devices AM79C989 Datasheet HTML 20Page - Advanced Micro Devices AM79C989 Datasheet HTML 21Page - Advanced Micro Devices AM79C989 Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
18
Am79C989
PRELIMINARY
Table 2.
QuEST Device Address Designations
Table 3.
Channel Address Designations
Interrupt Function
The Interrupt function indicates when there is a change
in the Link Status, Duplex Mode, Auto-Negotiation sta-
tus, MAU Error status, or any combination thereof for
any port. The Interrupt Register (Register 16) contains
the interrupt status and interrupt enable bits. The status
is always updated whether the interrupt enable bits are
set or not. However, if the interrupt enable bits are set
active, the logical OR of the selected bits will drive the
QINT open drain output pin.
When an interrupt occurs, the system will need to poll
the interrupt register to determine the source of the in-
terrupt and to clear the status bits. The individual regis-
ters can be read to determine the exact nature of the
change in status. Individual bits clear on read (COR)
except for the Jabber error, which is a Self-Clearing
(SC) bit when the QuEST device exits the Jabber state.
3.3 Volt Operation
The QuEST device is designed to easily and reliably in-
terface to systems with 3.3 V or 5 V power supplies.
This is accomplished by having a separate power sup-
ply pin, VDDIO, which can be connected to either a 3.3
V or 5 V supply. The only pins affected by the choice of
supply are: QRX_DATA, QRX_VALID, QRX_CRS,
QCLSN, and MDIO.
The data sheet specification for the QuEST device is
for TTL input and output levels. The QuEST device
meets these specifications, regardless of which supply
voltage is used. The difference made by using a 3.3 V
supply is that the MAXIMUM output voltage on the pins
listed above is guaranteed by design not to exceed
3.3 V.
REGISTER DESCRIPTION
The QuEST device supports nine physical registers per
port plus four registers which are globally shared
among all four ports. In summary, there are 40 registers
available.
Table 4.
Register and Port Matrix
Shared Registers
Four registers are globally shared among all four ports:
Registers 2 and 3 designate the Device ID, Register 16
is Interrupt Enable and Status, and Register 17 is Sum-
mary Status. When accessing the shared registers, the
lower two bits of the PHYAD address (bits A1 and A0)
are ignored.
PHYAD Bits
Signals with Pull up Resistors
A4
A3
A2
0
0
0
no signals
0
0
1
QCLSN
0
1
0
QRX_VALID
0
1
1
QRX_ VALID, QCLSN
1
0
0
QRX_DATA
1
0
1
QRX_DATA, QCLSN
1
1
0
QRX_DATA, QRX_ VALID
1
1
1
QRX_DATA, QRX_ VALID, QCLSN
PHYAD Bit
Channel Number
A1
A0
00
0
01
1
10
2
11
3
REGAD
Register Name
PHYAD [0:1] /Port
00
01
10
11
Port Number
0
Auto Negotiation
Control
0123
1
Auto Negotiation
Status
0123
2-3
Device ID
Shared
4
Auto Negotiation
Advertisement
0123
5
Auto Negotiation Link
Partner
0123
6
Auto Negotiation
Expansion
0123
7
Auto Negotiation Next
Page
0123
8-15
Unused
Unused
16
Status Change
Interrupt
Shared
17
Summary Status
Shared
18
Control
0123
19
Status
0123
20
Error Mask
0123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com