Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C989 Datasheet(PDF) 24 Page - Advanced Micro Devices

Part # AM79C989
Description  Quad Ethernet Switching Transceiver (QuEST??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C989 Datasheet(HTML) 24 Page - Advanced Micro Devices

Back Button AM79C989 Datasheet HTML 20Page - Advanced Micro Devices AM79C989 Datasheet HTML 21Page - Advanced Micro Devices AM79C989 Datasheet HTML 22Page - Advanced Micro Devices AM79C989 Datasheet HTML 23Page - Advanced Micro Devices AM79C989 Datasheet HTML 24Page - Advanced Micro Devices AM79C989 Datasheet HTML 25Page - Advanced Micro Devices AM79C989 Datasheet HTML 26Page - Advanced Micro Devices AM79C989 Datasheet HTML 27Page - Advanced Micro Devices AM79C989 Datasheet HTML 28Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
24
Am79C989
PRELIMINARY
Interrupt Status and Enable Register (Reg 16)
Interrupt Status and Enable Register (Reg 16) contains
Read/Write (R/W), Read/Only (R/O), or Cleared on
Read (COR) bits. This register is shared across all
ports.
Table 16.
Interrupt Status and Enable Register (Reg 16)
Bit(s)
Name
Description
Read/
Write
Default/
Reset
15:13
Reserved
Written and read as zero.
R/O
0
12
Link Status Change
Interrupt Enable
1 = Link Status Change Interrupt drives the QINT pin;
0 = The Interrupt is masked.
R/W
0
11
Duplex Change
Interrupt Enable
1 = Duplex Change Interrupt drives the QINT pin;
0 = The Interrupt is masked.
R/W
0
10
Auto-Negotiation
Change
Interrupt Enable
1 = Auto-Negotiation Change Interrupt drives the QINT pin (i.e.,
new page received);
0 = The Interrupt is masked.
R/W
0
9
MAU Error
Interrupt Enable
1 = MAU Error Interrupt drives the QINT pin;
0 = The Interrupt is masked.
R/W
0
8
Global
Interrupt Enable
1 = Any Interrupt drives the QINT pin;
0 = The Interrupt is masked.
R/W
0
7:5
Reserved
Written and read as zero.
R/O
0
4
Link Status Change
Interrupt
1 = Link Status changed on one of the 4 ports;
0 = No change in Link Status.
Register bit is cleared on Read.
R/O, COR
0
3
Duplex Change
Interrupt
1 = Duplex mode changed on one of the 4 ports;
0 = Indicates no change in Duplex mode.
Register bit is cleared on Read.
R/O, COR
0
2
Auto-Negotiation
Change
Interrupt
1= Auto-Negotiation status has changed on one of the 4 ports;
0 = Indicates no change.
Register bit is Cleared on Read.
R/O, COR
0
1
MAU Error
Interrupt
1 = A MAU error has occurred on one of the 4 ports; set on any
error bit in the Status Register (Reg 19) for any port;
0 = Indicates no MAU errors have occurred.
Register bit is cleared on Read.
R/O, COR
0
0
Global
Interrupt
1 = Change in status of any of the above interrupts;
0 = No Interrupt condition.
Register bit is Cleared on Read.
R/O, COR
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com