Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMCL00XA Datasheet(PDF) 33 Page - Advanced Micro Devices

Part # AMMCL00XA
Description  2 or 4 Megabyte 3.0 Volt-only Flash Miniature Card
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMMCL00XA Datasheet(HTML) 33 Page - Advanced Micro Devices

Back Button AMMCL00XA Datasheet HTML 28Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 29Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 30Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 31Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 32Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 33Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 34Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 35Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 36Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
AmMCL00XA
33
PRELIMIN ARY
.
Note: All reserved bytes must be set to 00h. All reserved fields (bits) within bytes must be set to 0Bh. All unused fields must be
set to 00h.
31h
73h
ASCII character “s”
32h
00h
ASCII character - NULL
33h–3Ah
00h
Unused space in card name field
3Bh
01h
Technology Count: Defines the number of different memory
technologies on the Miniature Card.
Technology count set to 1
3Ch–3Fh
00h
Reserved space set to 00h; for future use
Table 14.
AMD Identification Data (Continued)
Card Address
Value
Description
Table 15.
AMD Compatibility Data
Card Address
Value
Description
40h
00h
Defines the type of memory technology; Flash = 000 Binary
41h
01h
Device JEDEC Manufacturer ID
42h
38h
Device JEDEC Component ID: Am29LV081 = 38h
43h
01h or 03h
Memory array size: 02 = 2 Mbyte, 04 = 4 Mbyte
44h
00h
N/A
45h
0Fh
3.3V access time: 150 ns
46h
00h
N/A
47h
00h
N/A
48h
24h
Typical read/write current at 3.3V: 20 mA read, 40 mA write (word mode)
49h
00h
N/A
4Ah
00h
Typical card standby current: 10
µA for 2 Mbyte, 40 µA for 4 Mbyte
4Bh–4Fh, 8Ch–8Fh,
CCh–CFh, ECh–EFh
00h
Reserved for future use
80h–8Bh, C0–CBh,
E0h–EBh
00h
These addresses are designated for other memory technologies, which
are not used in AMD Flash Miniature Cards.
100h
18h
TPL_CODE CISTPL_JEDEC_C
101h
02h
TPL_LINK
102h
01h
Manufacturer ID
103h
38h
Device ID
104h
1Eh
TPL_CODE CISTPL_DEVICEGEO
105h
06h
TPL_LINK
106h
02h
DGTPL_BUS: Bus Width
107h
01h
DGTPL_EBS:11h = 64K Byte Erase Block size
108h
01h
DGTPL_RBS: Read Byte Size
109h
01h
DGTPL_WBS: Write Byte Size
10Ah
01h
DGTPL_PART: Number of partition
10Bh
01h
FL DEVICE INTERLEAVE: No interleave.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com