Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMCL00XA Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AMMCL00XA
Description  2 or 4 Megabyte 3.0 Volt-only Flash Miniature Card
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMMCL00XA Datasheet(HTML) 5 Page - Advanced Micro Devices

  AMMCL00XA Datasheet HTML 1Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 2Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 3Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 4Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 5Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 6Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 7Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 8Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
AmMCL00XA
5
PRELIMIN ARY
BLOCK DIAGRAM
*
4 Mbyte card only. Not used on 2 Mbyte card.
** 2 Mbyte card: Two Am29LV081 devices, S0 and S1
4 Mbyte card: Four Am29LV081 devices, S0...S3
Note: On the 2 Mbyte card, A20–A24 are not connected. On the 4 Mbyte card, A21–A24 are not connected. Connections not
shown in this diagram are not connected internally.
OE#
BUSY#
RY/BY#
A0-A20
Decoder*
CEL#
100K
100K
CEH#
WE#
WE# to all Flash devices
Write Protect
Switch
CEL0#
CEH0#
CEL1#
CEH1#
A20
V
CC
10K
V
CC
V
CC
OE# to all Flash devices
D0-D7
D8-D15
RESET#
RESET# to all Flash devices
A0-A19
CE#
WE#
OE#
D8-D15
V
SS
V
CC
RESET# RY/BY#
S1**
A0-A19
CE#
WE#
OE#
D0-D7
V
SS
V
CC
RESET# RY/BY#
S2**
A0-A19
CE#
WE#
OE#
D8-D15
V
SS
V
CC
RESET# RY/BY#
S3**
A0-A19
CE#
WE#
OE#
D0-D7
V
SS
V
CC
RESET# RY/BY#
S0**
V
CC
V
CC
100K
100K
21138E-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com