Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMCL00XA Datasheet(PDF) 34 Page - Advanced Micro Devices

Part # AMMCL00XA
Description  2 or 4 Megabyte 3.0 Volt-only Flash Miniature Card
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMMCL00XA Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button AMMCL00XA Datasheet HTML 28Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 29Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 30Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 31Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 32Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 33Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 34Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 35Page - Advanced Micro Devices AMMCL00XA Datasheet HTML 36Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
34
AmMCL00XA
PR EL IMIN A R Y
PHYSICAL DIMENSIONS
Top View
38.00 mm
1.496 in.
33.00 mm
1.299 in.
.118 in.
3.00 mm
.189 in.
4.81 mm
.118 in.
3.00 mm
.118 in.
3.00 mm
.118 in.
3.212 mm
.217 in.
5.50 mm
.217 in.
5.50 mm
.161 in.
4.09 mm
center line
.284 in.
7.21 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com