Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5232MTH1R Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # 5232MTH1R
Description  THE WIDEST RANGE IN MINIATURE SWITCHES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5232MTH1R Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button 5232MTH1R Datasheet HTML 14Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 15Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 16Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 17Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 18Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 19Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 20Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 21Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
APEM
www.apem.com
A-41
5000 series
Toggle switches - plain bushing
Right angle terminals - vertical : 5200WW - 5400WW
A
Four pole
III
II
I
2-3
1-2
5-6
4-5
8-9
7-8
11-12
10-11
5266WW
ON
-
ON
5269WW
ON
OFF
ON
5267WW
MOM OFF MOM
5268WW**
ON
OFF MOM
5262WW**
ON
- MOM
5264WW*
ON
ON
ON
5264WW 1R*
ON
ON MOM
5264WW 2R*
MOM ON MOM
* Function 4 : SP in DP case, DP in 4P case - specify CT or TH connections, see end of catalogue.
** Functions 2 and 8 : reversed connection available, consult factory.
PCB MOUNTING
5400WW models
• Pin spacing 2,54 mm (.100)
• 1, 2, 3 and 4 pole configurations
Diagram as per 5200WW model
For model structure numbers, refer
to 5200WW models and replace
2 with 4.
PC LAYOUT
MODEL
STRUCTURE
13.10
(.515)
7.20
(.283)
12.70
3.81
(.150)
(.500)
(.834)
24˚
I
II
III
5.08
(.200)
21.20
(.039)
1.00
9
8
7
12
11
10
Ø1.60
(.062 DIA)
4.75
(.187)
5.08
(.200)
12.50
(.236)
6.00
(.492)
21.20
(.834)
16.50
(.649)
12.00
(.472)
7.00
(.275)
SP
DP
3P
4P
5.08
Ø1.60
(.062 DIA)
(.200)
(.062 DIA)
Ø1.60
Ø1.60
(.062 DIA)
(.062 DIA)
Ø1.60
(.200)
5.08
(.200)
5.08
(.200)
5.08
SP
DP
3P
4P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com