Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5232MTH1R Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 5232MTH1R
Description  THE WIDEST RANGE IN MINIATURE SWITCHES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5232MTH1R Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  5232MTH1R Datasheet HTML 1Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 2Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 3Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 4Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 5Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 6Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 7Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 8Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
APEM
www.apem.com
A-25
5000 series
Toggle switches
Overview
A
Sealing boots
are available. They are presented in section H.
Mounting accessories
: standard hardware supplied with all models with Ø 6,35 (1/4) or Ø 6 (.236) threaded bushing :
2 hex nuts 8 mm (.314) across flats, 1 locking ring and 1 lockwasher.
Standard and special hardware available are presented in section I.
Packaging unit
: 25 pieces or 50 pieces depending on models.
Finish
Blank
Bright chrome finish
G
Matt black finish on
bushing, actuator and
hardware.
Fluorescent tip
Blank
None
0.38
White fluorescent
tip to lever
Available with matt black
finish (G) only.
Special options
Blank
No special
requirement
X408
Front panel sealing
by two O-rings
X404
Horizontal right
angle with reduced
overall dimensions
Other : specific bushing
height, PC terminal length,
finish, ratings, etc... See
following pages.
Caps and paddles
Caps
Length
U270
11 (.433)
U1710
7,3 (.287)
Paddles
U240N
12,4 (.488)
U290N
20 (.787)
U390N
21,5 (.846)
Contact materials
A
Silver
AD
Silver, gold plated
CD
Brass, gold plated
For peak currents, see X814,
under Special Options.
Sealing
Blank
No sealing except
where standard
B
Epoxy sealed
terminals
K
Front panel sealing
by one O-ring and
sealing washer
Sealing by two O-rings, see
X408 under "Special
options"
.
Levers
Length with
threaded
plain
bushing
bushing
-13
(std)
10,5 (.413)
13,5 (.531)
-2
16 (.629)
19 (.748)
-7
-
6,6 (.259)
-8
(flat)
21,3 (.838)
-
-9
(flat)
11,4 (.448)
-
-12
(flat)
6,3 (.248)
-
-16
5,5 (.216)
8,5 (.334)
-17
7 (.275)
10 (.393)
-21 (+ U640)
21,3 (.838)
-
insulated
-22
21,3 (.838)
-
-23
14 (.551)
-
-24
(large)
17,5 (.688)
-
-25
16,30 (.642)
-27
(large)
11,7 (.460)
-
-4N
9 (.354)
12 (.472)
4N for use with paddle actuators only.
Approvals
UL
CSA
VDE
CECC
Availability :
Consult factory for details of
approved models.
Locking levers
1V
1 locked position
2V
2 locked positions
3V
3 locked positions
Other, consult factory.
For models with Ø 6,35 (1/4) bushing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com