Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5232MTH1R Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 5232MTH1R
Description  THE WIDEST RANGE IN MINIATURE SWITCHES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5232MTH1R Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 5232MTH1R Datasheet HTML 3Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 4Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 5Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 6Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 7Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 8Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 9Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 10Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
A-28
APEM
www.apem.com
5000 series
Toggle switches - solder lug terminals
A
5700 models
• Flatted bushing Ø 6,35 mm (1/4)
• 1, 2, 3 and 4 pole configurations
For model structure numbers, refer to
5600
models and replace 6 with 7.
PANEL CUT
-OUT
Standard or
with K sealing option
Diagram as per 5600 model
MODEL
STRUCTURE
5500 models
• Threaded bushing Ø 6 mm (.236)
• 1, 2, 3 and 4 pole configurations
Diagram as per 5600 model
PANEL CUT
-OUT
Standard
With X408 sealing option
For model structure numbers, refer to
5600
models and replace 6 with 5.
MODEL
STRUCTURE
(.106)
2.70
(.255 DIA)
Ø6.50
(.244 DIA)
(.100)
(.244)
Ø6.20
6.20
2.55
Ø2.20
(.086 DIA)
Ø6.20
(.244 DIA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com