Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5D301K Datasheet(PDF) 20 Page - World Produts Inc.

Part # 5D301K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

5D301K Datasheet(HTML) 20 Page - World Produts Inc.

Back Button 5D301K Datasheet HTML 16Page - World Produts Inc. 5D301K Datasheet HTML 17Page - World Produts Inc. 5D301K Datasheet HTML 18Page - World Produts Inc. 5D301K Datasheet HTML 19Page - World Produts Inc. 5D301K Datasheet HTML 20Page - World Produts Inc. 5D301K Datasheet HTML 21Page - World Produts Inc. 5D301K Datasheet HTML 22Page - World Produts Inc. 5D301K Datasheet HTML 23Page - World Produts Inc. 5D301K Datasheet HTML 24Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
18 | Metal Oxide Varistors
D Series — Electrical Characteristics (5, 7, 10, 14, 20, 25 mm)
Part
Number
Maximum
Continuous
Rated Voltage
Rated Single
Pulse Transient
Varistor Voltage
@1mA DC
Maximum Clamping
Voltage
@Test Current 8/20µs
Typical
Capacitance
@1KHZ 25°C
Energy
Peak
AC RMS
Volts
DC
Volts
2ms
Joules
10/1000µs
Joules
8/20µs
Amps
Min
Volts
Max
Volts
Volts
Amps
pF
VZ05D180KBS
11
14
0 .4
0 .6
100
16 .2
19 .8
36
1
1500
VZ07D180KBS
0 .8
1 .0
250
36
2 .5
2900
VZ10D180KBS
1 .7
2 .1
500
36
5
6000
VZ14D180KBS
3 .5
4 .0
1000
36
10
15000
VZ20D180KBS
10
12
2000
36
20
27000
VZ05D220KBS
14
18
0 .6
0 .8
100
20
24
43
1
1260
VZ07D220KBS
0 .9
1 .3
250
43
2 .5
2400
VZ10D220KBS
2 .0
2 .5
500
43
5
5000
VZ14D220KBS
4 .0
5 .0
1000
43
10
12000
VZ20D220KBS
13
15
2000
43
20
20000
VZ05D270KBS
17
22
0 .7
0 .9
100
24
30
53
1
1050
VZ07D270KBS
1 .1
1 .4
250
53
2 .5
1800
VZ10D270KBS
2 .5
3 .0
500
53
5
4000
VZ14D270KBS
5 .0
6 .0
1000
53
10
8500
VZ20D270KBS
15
17
2000
53
20
15000
VZ05D330KBS
20
26
0 .9
1 .2
100
30
36
65
1
850
VZ07D330KBS
1 .3
1 .7
250
65
2 .5
1500
VZ10D330KBS
3 .1
4 .0
500
65
5
3500
VZ14D330KBS
6 .0
7 .5
1000
65
10
7200
VZ20D330KBS
20
22
2000
65
20
12200
VZ05D390KBS
25
31
1 .1
1 .3
100
35
43
77
1
600
VZ07D390KBS
1 .6
2 .1
250
77
2 .5
1230
VZ10D390KBS
3 .7
4 .6
500
77
5
3100
VZ14D390KBS
7 .0
8 .6
1000
77
10
6300
VZ20D390KBS
24
26
2000
77
20
10000
VZ05D470KBS
30
38
1 .4
1 .6
100
42
52
93
1
500
VZ07D470KBS
2 .0
2 .5
250
93
2 .5
950
VZ10D470KBS
4 .5
5 .5
500
93
5
2800
VZ14D470KBS
9 .0
10
1000
93
10
5500
VZ20D470KBS
30
33
2000
93
20
9350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com