Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5D301K Datasheet(PDF) 26 Page - World Produts Inc.

Part # 5D301K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

5D301K Datasheet(HTML) 26 Page - World Produts Inc.

Back Button 5D301K Datasheet HTML 22Page - World Produts Inc. 5D301K Datasheet HTML 23Page - World Produts Inc. 5D301K Datasheet HTML 24Page - World Produts Inc. 5D301K Datasheet HTML 25Page - World Produts Inc. 5D301K Datasheet HTML 26Page - World Produts Inc. 5D301K Datasheet HTML 27Page - World Produts Inc. 5D301K Datasheet HTML 28Page - World Produts Inc. 5D301K Datasheet HTML 29Page - World Produts Inc. 5D301K Datasheet HTML 30Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
24 | Metal Oxide Varistors
High Energy E Series — Electrical Characteristics (5, 7, 10, 14, 18, 20 mm)
Part
Number
Maximum
Continuous
Rated Voltage
Rated Single
Pulse Transient
Varistor Voltage
@1mA DC
Maximum Clamping
Voltage
@Test Current 8/20µs
Typical
Capacitance
@1KHZ 25°C
Energy
Peak
AC RMS
Volts
DC
Volts
10/1000µs
Joules
8/20µs
Amps
Min
Volts
Max
Volts
Volts
Amps
pF
VZ05E820KBS
50
66
3 .5
800
74
90
135
5
355
VZ07E820KBS
7
1750
10
790
VZ10E820KBS
14
3500
25
1780
VZ14E820KBS
28
6000
50
3310
VZ18E820KBS
46
8000
80
4300
VZ20E820KBS
56
10000
100
5300
VZ05E181KBS
120
160
8
800
170
207
310
5
130
VZ07E181KBS
16
1750
320
10
210
VZ10E181KBS
33
3500
320
25
460
VZ14E181KBS
56
6000
320
50
800
VZ18E181KBS
70
9000
320
80
1300
VZ20E181KBS
135
12000
320
100
1800
VZ05E201KBS
130
175
8 .5
800
185
225
340
5
120
VZ07E201KBS
17 .5
1750
330
10
200
VZ10E201KBS
42
3500
330
25
430
VZ14E201KBS
78
6000
330
50
770
VZ18E201KBS
140
9000
340
80
1270
VZ18E201KBS-V
160
12000
340
80
2000
VZ20E201KBS
170
12000
340
100
1700
VZ20E201KBS-V
195
15000
340
100
2200
VZ05E221KBS
140
180
9
800
198
242
360
5
110
VZ07E221KBS
19
1750
10
190
VZ10E221KBS
43
3500
25
410
VZ14E221KBS
85
6000
50
740
VZ18E221KBS
150
9000
80
1220
VZ18E221KBS-V
180
12000
80
1700
VZ20E221KBS
180
12000
100
1600
VZ20E221KBS-V
220
15000
100
2100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com