Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5D301K Datasheet(PDF) 50 Page - World Produts Inc.

Part # 5D301K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

5D301K Datasheet(HTML) 50 Page - World Produts Inc.

Back Button 5D301K Datasheet HTML 46Page - World Produts Inc. 5D301K Datasheet HTML 47Page - World Produts Inc. 5D301K Datasheet HTML 48Page - World Produts Inc. 5D301K Datasheet HTML 49Page - World Produts Inc. 5D301K Datasheet HTML 50Page - World Produts Inc. 5D301K Datasheet HTML 51Page - World Produts Inc. 5D301K Datasheet HTML 52Page - World Produts Inc. 5D301K Datasheet HTML 53Page - World Produts Inc. 5D301K Datasheet HTML 54Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
48 | Metal Oxide Varistors
5mm / 7mm Taping Specifications
Item
Symbol
5mm Disk Size
7mm Disk Size
T11, T1
T17, T3, T1D, T14,
T1W, T32
T11, T1
T17, T3, T1D, T14,
T1W, T32
Body Diameter
D
7 max
7 max
9 .5 max
9 .5 max
Lead Wire Diameter
d
0 .6 ± 0 .02
0 .6 ± 0 .02
0 .6 ± 0 .02
0 .6 ± 0 .02
Pitch of Component
P
12 .7 ± 1
12 .7 ± 1
12 .7 ± 1
12 .7 ± 1
Feed Hole Pitch
P0
12 .7 ± 0 .3
12 .7 ± 0 .3
12 .7 ± 0 .3
12 .7 ± 0 .3
Feed Hole Center to Lead
P1
3 .85 ± 0 .7
3 .85 ± 0 .7
3 .85 ± 0 .7
3 .85 ± 0 .7
Lead to Lead Distance
(Center to Center)
F
5 ± 0 .8
5 ± 0 .8
5 ± 0 .8
5 ± 0 .8
Component Alignment
h
2 .0 max
2 .0 max
2 .0 max
2 .0 max
Basepaper Tape Width
W
18 +1/-0 .5
18 +1/-0 .5
18 +1/-0 .5
18 +1/-0 .5
Adhesive Tape Width
W0
10 min
10 min
10 min
10 min
Hole Position
W1
9 ± 0 .5
9 ± 0 .5
9 ± 0 .5
9 ± 0 .5
Adhesive Tape Border
W2
3 max
3 max
3 max
3 max
Component Height
H1
30 max
30 max
32 max
32 max
Lead-Wire Clinch Height
H0
—
16 ± 0 .5
—
16 ± 0 .5
Lead-Wire Protrusion
Lx
1 .0 max
1 .0 max
1 .0 max
1 .0 max
Feed Hole Diameter
D0
4 ± 0 .2
4 ± 0 .2
4 ± 0 .2
4 ± 0 .2
Total Tape Thickness
t
»0 .7 max
»0 .7 max
»0 .7 max
»0 .7 max
Length of Clipped Lead
L
11 max
11 max
11 max
11 max
Component Height from
Seating Plane
A
—
13 max
—
15 max
Hole Center to Component
Center
P2
6 .35 ± .7
6 .35 ± .7
6 .35 ± .7
6 .35 ± .7
All dimensions are in Millimeters .
Note: Basepaper Thickness = 0 .375mm ± 0 .1mm (Ammo Box), 0 .53mm ± 0 .1mm (Reel)
Adhesive Tape Thickness = 0 .16mm ± 0 .03mm
Largest voltage which can be taped is 420VAC . For 320VAC and larger, only T1W or T32 is available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com