Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25X05CLZPIG Datasheet(PDF) 38 Page - Winbond

Part # W25X05CLZPIG
Description  2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X05CLZPIG Datasheet(HTML) 38 Page - Winbond

Back Button W25X05CLZPIG Datasheet HTML 34Page - Winbond W25X05CLZPIG Datasheet HTML 35Page - Winbond W25X05CLZPIG Datasheet HTML 36Page - Winbond W25X05CLZPIG Datasheet HTML 37Page - Winbond W25X05CLZPIG Datasheet HTML 38Page - Winbond W25X05CLZPIG Datasheet HTML 39Page - Winbond W25X05CLZPIG Datasheet HTML 40Page - Winbond W25X05CLZPIG Datasheet HTML 41Page - Winbond W25X05CLZPIG Datasheet HTML 42Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
W25X05CL/10CL/20CL
Publication Release Date: March 23, 2012
- 38 -
Revision B
9.4
DC Electrical Characteristics
PARAMETER
SYMBOL
CONDITIONS
SPEC
UNIT
MIN
TYP
MAX
Input Capacitance
CIN(1)
VIN = 0V(2)
6
pF
Output Capacitance
Cout(1)
VOUT = 0V(2)
8
pF
Input Leakage
ILI
±2
µA
I/O Leakage
ILO
±2
µA
Standby Current
ICC1
/CS = VCC,
VIN = GND or VCC
10
50
µA
Power-down Current
ICC2
/CS = VCC,
VIN = GND or VCC
1
5
µA
Current Read Data /
Dual Output 1MHz(2)
ICC3
C = 0.1 VCC / 0.9 VCC
DO = Open
1/3
4/8
mA
Current Read Data /
Dual Output 33MHz(2)
ICC3
C = 0.1 VCC / 0.9 VCC
DO = Open
4/5
8/10
mA
Current Read Data /
Dual Output 80MHz(2)
ICC3
C = 0.1 VCC / 0.9 VCC
DO = Open
5/6
10/12
mA
Current Read Data /
Dual Output 104MHz(2)
ICC3
C = 0.1 VCC / 0.9 VCC
DO = Open
6/7
12/14
mA
Current Write Status
Register
ICC4
/CS = VCC
8
12
mA
Current Page Program
ICC5
/CS = VCC
10
15
mA
Current Sector/Block
Erase
ICC6
/CS = VCC
10
15
mA
Current Chip Erase
ICC7
/CS = VCC
10
15
mA
Input Low Voltage
VIL
–0.5
VCCx0.3
V
Input High Voltage
VIH
VCCx0.7
V
Output Low Voltage
VOL
IOL = 100 µA
0.4
V
Output High Voltage
VOH
IOH =
–100 µA
VCC
–0.2
V
Notes:
1. Tested on sample basis and specified through design and characterization data. TA=25°C, VCC=3.0V.
2. Checker Board Pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com