Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25X05CLZPIG Datasheet(PDF) 43 Page - Winbond

Part # W25X05CLZPIG
Description  2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X05CLZPIG Datasheet(HTML) 43 Page - Winbond

Back Button W25X05CLZPIG Datasheet HTML 39Page - Winbond W25X05CLZPIG Datasheet HTML 40Page - Winbond W25X05CLZPIG Datasheet HTML 41Page - Winbond W25X05CLZPIG Datasheet HTML 42Page - Winbond W25X05CLZPIG Datasheet HTML 43Page - Winbond W25X05CLZPIG Datasheet HTML 44Page - Winbond W25X05CLZPIG Datasheet HTML 45Page - Winbond W25X05CLZPIG Datasheet HTML 46Page - Winbond W25X05CLZPIG Datasheet HTML 47Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
W25X05CL/10CL/20CL
Publication Release Date: March 23, 2012
- 43 -
Revision B
10. PACKAGE SPECIFICATION
10.1 8-Pin SOIC 150-mil (Package Code SN)
SYMBOL
MILLIMETERS
INCHES
Min
Max
Min
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
b
0.33
0.51
0.013
0.020
c
0.19
0.25
0.008
0.010
E(3)
3.80
4.00
0.150
0.157
D(3)
4.80
5.00
0.188
0.196
e(2)
1.27 BSC
0.050 BSC
HE
5.80
6.20
0.228
0.244
Y(4)
-
0.10
-
0.004
L
0.40
1.27
0.016
0.050
∘
0°
10°
0°
10°
Notes:
1.
Controlling dimensions: millimeters, unless otherwise specified.
2.
BSC = Basic lead spacing between centers.
3.
Dimensions D and E do not include mold flash protrusions and should be measured from the bottom of the package.
4.
Formed leads coplanarity with respect to seating plane shall be within 0.004 inches
.
L
θ
c
D
A1
A
e
b
SEATING PLANE
Y
0.25
GAUGE PLANE
E
H
E
4
1
5
8
L
θ
c
D
A1
A
e
b
b
b
SEATING PLANE
Y
0.25
GAUGE PLANE
E
H
E
E
H
E
4
1
5
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com