Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME1084CCCS Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AME1084CCCS
Description  5A Low Dropout Positive Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1084CCCS Datasheet(HTML) 5 Page - Analog Microelectronics

  AME1084CCCS Datasheet HTML 1Page - Analog Microelectronics AME1084CCCS Datasheet HTML 2Page - Analog Microelectronics AME1084CCCS Datasheet HTML 3Page - Analog Microelectronics AME1084CCCS Datasheet HTML 4Page - Analog Microelectronics AME1084CCCS Datasheet HTML 5Page - Analog Microelectronics AME1084CCCS Datasheet HTML 6Page - Analog Microelectronics AME1084CCCS Datasheet HTML 7Page - Analog Microelectronics AME1084CCCS Datasheet HTML 8Page - Analog Microelectronics AME1084CCCS Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Analog Microelectronics, Inc.
5
AME1084
5A Low Dropout
Positive Voltage Regulator
n
n
n
n
n Electrical Characteristics
1. 1084AXXX
2. 1084DXXX
Parameter
Symbol
Min.
Typ.
Max.
Units
Reference voltage
VIN = 5V
TJ =25
OC
1.238
1.262
(adjustable voltage)
IO = 10mA
Over temp. 1.225
1.275
VIN = 2.75 - 7V
TJ =25
OC-
0.015
0.2
IO = 10mA
Over temp.
-
0.035
0.2
VIN = 5V
TJ =25
OC
-
0.05
0.3
IO = 10mA - 5A
Over temp.
-
0.2
0.4
Dropout voltage
VIN = 2.75 - 7V
TJ =25
OC-1.2
1.4
∆VOUT, ∆VREF = 1%
IO = 10mA - 5A
Over temp.
-
1.3
-
Current limit
IS
VIN = 2.75 - 7V, Over temp.
5.0
-
-
A
Temperature Coefficient
TC
VIN = 2.75 - 7V, IO = 10mA - 5A
-
0.005
-
%/
OC
VIN = 2.75 - 7V
TJ = 25
OC-
55
-
IO = 10mA - 5A
Over temp.
-
-
90
VIN = 2.75 - 7V, IO = 10mA - 5A
Over temp.
Temperature stability
TS
VIN = 5V, IO = 500mA, Over temp.
0.5
0.5
-
%
Minimum load current
IO
VIN = 5V
-
5
10
mA
RMS output noise
VN
TJ = 25
OC-
0.003
-
%VO
Ripple rejection ratio
RA
VIN = 5V, IO = 5A, Over temp.
60
72
-
dB
Test Conditions
VD
∆IADJ
IADJ
Line regulation
Load regulation
RegLINE
VREF
RegLOAD
Adjust pin current
Adjust pin current change
0.2
5
-
µA
1.250
V
V
%
%
Parameter
Symbol
Min.
Typ.
Max.
Units
Output voltage
VIN = 5V
TJ =25
OC
3.267
3.333
(fixed voltage)
IO = 0A
Over temp. 3.234
3.366
VIN = 4.5 - 7V
TJ =25
OC-
0.015
0.2
IO = 0A
Over temp.
-
0.035
0.2
VIN = 5V
TJ =25
OC
-
0.05
0.3
IO = 0A - 5A
Over temp.
-
0.2
0.4
Dropout voltage
VIN = 4.5 - 7V
TJ =25
OC-
1.2
1.4
∆VOUT, ∆VREF = 1%
IO = 0A - 5A
Over temp.
-
1.3
-
Current limit
IS
VIN = 4.5 - 7V, Over temp.
5.0
-
-
A
Quiescent current
(fixed model)
Temperature Coefficient
TC
VIN = 4.5 - 7V, IO = 0A - 5A
-
0.005
-
%/
0C
Temperature stability
TS
VIN = 5V, IO = 500mA, Over temp.
0.5
0.5
-
%
RMS output noise
VN
-
0.003
-
%VO
Ripple rejection ratio
RA
VIN = 5V, IO = 5A, Over temp.
60
72
-
dB
Line regulation
RegLINE
%
Test Conditions
Vo
3.300
Load regulation
RegLOAD
%
VD
V
TJ = 25
OC
IQ
VIN=5V, Io=0-5A, Over temp.
-
13
mA
12
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com