Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME1084CCCS Datasheet(PDF) 9 Page - Analog Microelectronics

Part # AME1084CCCS
Description  5A Low Dropout Positive Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1084CCCS Datasheet(HTML) 9 Page - Analog Microelectronics

Back Button AME1084CCCS Datasheet HTML 5Page - Analog Microelectronics AME1084CCCS Datasheet HTML 6Page - Analog Microelectronics AME1084CCCS Datasheet HTML 7Page - Analog Microelectronics AME1084CCCS Datasheet HTML 8Page - Analog Microelectronics AME1084CCCS Datasheet HTML 9Page - Analog Microelectronics AME1084CCCS Datasheet HTML 10Page - Analog Microelectronics AME1084CCCS Datasheet HTML 11Page - Analog Microelectronics AME1084CCCS Datasheet HTML 12Page - Analog Microelectronics AME1084CCCS Datasheet HTML 13Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Analog Microelectronics, Inc.
9
AME1084
5A Low Dropout
Positive Voltage Regulator
n
n
n
n
n Advanced Applications (Cont.)
* V
O = VREF + VZ
(V
Z: breakdown voltage of Zener diode)
** Optional for improved ripple rejection
Figure 7 Regulator with Reference
Figure 8 Regulator with Reverse Diode Protection
* V
O
AME1084
V
IN
10
µF
10
µF
1K
10
µF
**
Zener diode or
voltage reference
V
IN
V
OUT
GND
AME1084
10
µF
100
µF
V
O
*
V
IN
V
OUT
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com