Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME1084CCCS Datasheet(PDF) 14 Page - Analog Microelectronics

Part # AME1084CCCS
Description  5A Low Dropout Positive Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1084CCCS Datasheet(HTML) 14 Page - Analog Microelectronics

Back Button AME1084CCCS Datasheet HTML 8Page - Analog Microelectronics AME1084CCCS Datasheet HTML 9Page - Analog Microelectronics AME1084CCCS Datasheet HTML 10Page - Analog Microelectronics AME1084CCCS Datasheet HTML 11Page - Analog Microelectronics AME1084CCCS Datasheet HTML 12Page - Analog Microelectronics AME1084CCCS Datasheet HTML 13Page - Analog Microelectronics AME1084CCCS Datasheet HTML 14Page - Analog Microelectronics AME1084CCCS Datasheet HTML 15Page - Analog Microelectronics AME1084CCCS Datasheet HTML 16Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Analog Microelectronics, Inc.
14
AME1084
5A Low Dropout
Positive Voltage Regulator
n
n
n
n
n Package Dimension
TO-263-2
MIN
MAX
MIN
MAX
A
9.65
10.41
0.380
0.410
B
8.28
9.65
0.326
0.380
C
4.06
4.83
0.160
0.190
D
0.51
1.02
0.020
0.040
E
1.14
1.40
0.045
0.055
G
H
14.61
15.88
0.575
0.625
K
1.02
1.68
0.040
0.066
L
0.00
0.97
0.000
0.038
M
2.49
2.74
0.098
0.108
N
0.43
0.58
0.017
0.023
P
2.29
2.79
0.090
0.110
R
0
o
8
?
0
o
8
?
S
2.41
2.67
0.095
0.105
W
0.254
0.508
0.010
0.020
*
: Typical value
NOTES :
1. CONTROLLING DIMENSION : MILLIMETERS.
2MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH
THICKNESS
MINIMUM LEAD THICKNESS IS THE MINIMUM
THICKNESS OF BASE MATERIA.
*
2.54
*
0.100
SYMBOLS
MILLIMETERS
INCHES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com