Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18E112K Datasheet(PDF) 29 Page - World Produts Inc.

Part # 18E112K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

18E112K Datasheet(HTML) 29 Page - World Produts Inc.

Back Button 18E112K Datasheet HTML 25Page - World Produts Inc. 18E112K Datasheet HTML 26Page - World Produts Inc. 18E112K Datasheet HTML 27Page - World Produts Inc. 18E112K Datasheet HTML 28Page - World Produts Inc. 18E112K Datasheet HTML 29Page - World Produts Inc. 18E112K Datasheet HTML 30Page - World Produts Inc. 18E112K Datasheet HTML 31Page - World Produts Inc. 18E112K Datasheet HTML 32Page - World Produts Inc. 18E112K Datasheet HTML 33Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
Metal Oxide Varistors | 27
High Energy E Series — Electrical Characteristics (5, 7, 10, 14, 18, 20 mm) (cont.)
Part
Number
Maximum
Continuous
Rated Voltage
Rated Single
Pulse Transient
Varistor Voltage
@1mA DC
Maximum Clamping
Voltage
@Test Current 8/20µs
Typical
Capacitance
@1KHZ 25°C
Energy
Peak
AC RMS
Volts
DC
Volts
10/1000µs
Joules
8/20µs
Amps
Min
Volts
Max
Volts
Volts
Amps
pF
VZ10E561KBS
360
470
97
3500
522
638
910
25
170
VZ14E561KBS
210
6000
50
320
VZ18E561KBS
330
9000
80
560
VZ20E561KBS
420
12000
100
720
VZ18E621KBS
390
505
330
9000
558
682
1025
80
470
VZ20E621KBS
430
12000
100
710
VZ18E681KBS
420
560
340
9000
612
748
1120
80
430
VZ20E681KBS
435
12000
100
680
VZ18E751KBS
460
615
360
9000
675
825
1240
80
390
VZ20E751KBS
440
12000
100
620
VZ18E781KBS
485
640
365
9000
702
858
1290
80
370
VZ20E781KBS
450
12000
1240
100
560
VZ10E821KBS
510
675
110
3500
738
902
1350
25
110
VZ14E821KBS
235
6000
50
190
VZ18E821KBS
388
9000
80
310
VZ20E821KBS
460
12000
100
530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com