Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18E112K Datasheet(PDF) 4 Page - World Produts Inc.

Part # 18E112K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

18E112K Datasheet(HTML) 4 Page - World Produts Inc.

  18E112K Datasheet HTML 1Page - World Produts Inc. 18E112K Datasheet HTML 2Page - World Produts Inc. 18E112K Datasheet HTML 3Page - World Produts Inc. 18E112K Datasheet HTML 4Page - World Produts Inc. 18E112K Datasheet HTML 5Page - World Produts Inc. 18E112K Datasheet HTML 6Page - World Produts Inc. 18E112K Datasheet HTML 7Page - World Produts Inc. 18E112K Datasheet HTML 8Page - World Produts Inc. 18E112K Datasheet HTML 9Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
2 | Metal Oxide Varistors
Features
•
Our Metal Oxide Varistors have UL, CSA and VDE approvals . VDE approvals are in conjunction
with IEC61051-2 . Plus specific types comply with Accelerated Aging Test Requirements per ANSI/
IEEE C62 .11 . The factory is ISO and TS16949 certified . Taped Parts conform to EIA standards . All
electrical specifications are to industry standards with definitions conforming to IEEE specifications .
Solderability to MIL STD . Epoxy flammability rating of 94V0 .
•
RoHS Compliance - Metal Oxide Varistors utilizing suffix (-N) denoting RoHS compliant types for
disk sizes 05, 07, 10,14, 18, 20, 25, 32, 34, 40, and 53 purchased from World Products, LLC comply with RoHS
Directive 2002/95/EC of the European Parliament and of the Council of 27 January 2003 on the restriction of the
use of certain hazardous substances in electrical and electronic equipment . Our metal oxide varistors contain a
maximum concentration value of 0 .1% by weight in homogeneous materials for lead, mercury, hexavalent chromium,
polybrominated biphenyls (PBB) and polybrominated diphenyl ethers (PBDE) and of 0 .01% weight in homogeneous
materials for cadmium . See Part Number System for more details .
•
Product consistency is maintained through extremely stringent quality and statistical control . On-line automatic test
equipment provides 100% inspection .
•
Extensive selection of equivalents to essentially all metal oxide varistor types . All specifications available for proper
accurate design-in purposes .
•
Extremely low leakage current levels achieved and exceptional surge handling capability through proprietary
formulations .
•
Epoxy conformity and control providing for consistent physical dimensions and improved solderability.
•
Varistor product design flexibility and quick design cycles in order to assist our customers with their most stringent
varistor applications .
Definition of Terms (according to IEEE specifications C62.33)
Average Power Dissipation: Tested using two consecutive pulses at rated peak current using a 10/1000µs test
waveform with a minimum pulse period of 60 seconds between pulses (IEC 61000-4-5) .
Rated RMS Voltage, Rated DC Voltage: The maximum designated values of power system voltage that may be applied
continuously between the terminals of a device .
Varistor Voltage: Test characteristic that is used to classify varistors by type . A test current of 1mA DC is typically
used to determine varistor voltage classification type . Varistor voltage clamping characteristics can be defined
at various test levels .
Rated Peak Single Pulse Transient Current: Maximum surge current, 8/20μs waveform which a varistor is rated to
withstand for a single surge .
Rated Single Pulse Transient Energy: Maximum allowable energy for a single impulse (see specified waveforms) .
Maximum Clamping Voltage: Measured peak voltage across the device terminals when a current impulse of specified
amplitude and waveform is conducted through the varistor.
Typical Capacitance: Typical capacitance values are measured at a test frequency of 1KHZ .
Power Dissipation Ratings
Disk Size
Pm-watts
Disk Size
Pm-watts
5mm ( < 50 VAC )
0 .01
20mm ( < 50 VAC )
0 .20
5mm ( ≥ 50 VAC )
0 .20
20mm ( ≥ 50 VAC )
1 .00
7mm ( < 50 VAC )
0 .02
25mm
1 .20
7mm ( ≥ 50 VAC )
0 .25
32mm
1 .60
10mm ( < 50 VAC )
0 .05
34mm (Single)
2 .10
10mm ( ≥ 50 VAC )
0 .40
34mm (Dual)
2 .73
14mm ( < 50 VAC )
0 .10
40mm
2 .10
14mm ( ≥ 50 VAC )
0 .60
53mm
2 .50
PA
NY • SOCIÉT
ISO
9002
SGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com