Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18E112K Datasheet(PDF) 35 Page - World Produts Inc.

Part # 18E112K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

18E112K Datasheet(HTML) 35 Page - World Produts Inc.

Back Button 18E112K Datasheet HTML 31Page - World Produts Inc. 18E112K Datasheet HTML 32Page - World Produts Inc. 18E112K Datasheet HTML 33Page - World Produts Inc. 18E112K Datasheet HTML 34Page - World Produts Inc. 18E112K Datasheet HTML 35Page - World Produts Inc. 18E112K Datasheet HTML 36Page - World Produts Inc. 18E112K Datasheet HTML 37Page - World Produts Inc. 18E112K Datasheet HTML 38Page - World Produts Inc. 18E112K Datasheet HTML 39Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
Metal Oxide Varistors | 33
VZ34 Single Series — Dimensions
Straight Leads
Part Number Suffix “K”
90° Bend Leads
Part Number Suffix “KQ”
D
H
T
d
S
0 .51mm ± .05mm
(0 .02" ± .002")
0 .51mm ± .05mm
(0 .02" ± .002")
3 .40mm
±0 .1mm
(0 .13" ±0 .004")
7 .04mm
±0 .2mm
(0 .28"
± .008")
7 .04mm
±0 .2mm
(0 .28"
± .008")
12 .7mm
Typ .
(0 .5")
3 .55mm
±0 .25mm
(0 .14"± .01")
25 .4mm ±0 .5mm
(1 .0" ±0 .02")
5mm Max
(0 .2")
D
H
T
3 .40mm
±0 .1mm
(0 .13" ±0 .004")
25 .4mm ±0 .5mm
(1 .0" ±0 .02")
5mm Max
(0 .2")
8 .0mm ±0 .5mm
(0 .315" ±0 .02")
5 .08mm Typ .
(0 .2")
Part Number
D max.
H max.
T max.
S ±.7mm (±.03”)
d
W
VZ34R201
42
(1 .65)
42
(1 .65)
7 .5 ( .30)
2 .5 ( .10)
5 .7±1 .0 ( .22± .04)
1 .34±0 .50 ( .05± .02)
VZ34R221
7 .5 ( .30)
2 .5 ( .10)
5 .5±1 .0 ( .22± .04)
1 .47±0 .50 ( .057± .02)
VZ34R241
7 .5 ( .30)
2 .8 ( .11)
5 .4±1 .0 ( .21± .04)
1 .62±0 .50 ( .06±02)
VZ34R271
8 .5 ( .33)
2 .8 ( .11)
5 .2±1 .0 ( .20± .04)
1 .77±0 .50 ( .07± .02)
VZ34R301
9 .0 ( .35)
3 .0 ( .12)
5 .0±1 .0 ( .20± .04)
2 .00±0 .50 ( .078± .02)
VZ34R331
9 .0 ( .35)
3 .1 ( .12)
4 .8±1 .0 ( .19 ± .04)
2 .19±0 .50 ( .086± .02)
VZ34R361
9 .0 ( .35)
3 .3 ( .13)
4 .6±1 .0 ( .18± .04)
2 .42±0 .50 ( .095± .02)
VZ34R391
9 .0 ( .35)
3 .6 ( .14)
4 .4±1 .0 ( .17± .04)
2 .59±0 .50 ( .1± .02)
VZ34R431
9 .0 ( .35)
3 .6 ( .14)
4 .2±1 .0 ( .17± .04)
2 .88±0 .50 ( .11± .02)
VZ34R471
9 .7 ( .38)
3 .8 ( .15)
4 .2±1 .0 ( .17± .04)
3 .1 ±0 .50 ( .12± .02)
VZ34R511
9 .7 ( .38)
3 .8 ( .15)
4 .0±1 .0 ( .16± .04)
3 .41±0 .50 ( .134± .02)
VZ34R561
9 .7 ( .38)
4 .0 ( .16)
4 .0±1 .0 ( .16± .04)
4 .19±0 .50 ( .165± .02)
VZ34R621
9 .7 ( .38)
4 .3 ( .17)
3 .9±1 .0 ( .15± .04)
4 .19±0 .50 ( .165± .02)
VZ34R681
9 .7 ( .38)
4 .6 ( .18)
3 .6±1 .0 ( .14± .04)
4 .49±0 .50 ( .177± .02)
VZ34R751
10 .5 ( .41)
4 .8 ( .19)
3 .3±1 .0 ( .13± .04)
4 .95±0 .50 ( .195± .02)
VZ34R781
10 .5 ( .41)
4 .8 ( .19)
3 .1±1 .0 ( .12± .04)
5 .12±0 .50 ( .2± .02)
VZ34R821
10 .5 ( .41)
5 .1 ( .20)
2 .9±1 .0 ( .11± .04)
5 .50±0 .50 ( .22± .02)
VZ34R911
11 .5 ( .45)
5 .6 ( .22)
2 .5±1 .0 ( .10± .04)
6 .09±0 .50 ( .24± .02)
VZ34R951
11 .5 ( .45)
5 .6 ( .22)
2 .3±1 .0 ( .09± .04)
6 .38±0 .50 ( .25± .02)
VZ34R102
12 .0 ( .47)
5 .8 ( .23)
2 .1±1 .0 ( .08± .04)
6 .75±0 .50 ( .265± .02)
VZ34R112
12 .0 ( .47)
6 .4 ( .25)
2 .1±1 .0 ( .08± .04)
7 .34±0 .50 ( .29± .02)
VZ34R122
12 .5 ( .49)
6 .8 ( .27)
1 .9±1 .0 ( .07± .04)
7 .5±0 .50 ( .30± .02)
T
37.26mm MAX
(1.47")
37.26mm MAX
(1.47")
12.0mm MAX
(0.47")
4.0mm MAX
(0.16")
7.06mm ± 0.2
(0.28" ± 0.008)
0.51mm ± 0.05
(0.02" ± 0.002)
25.43mm ± 0.51
(1" ± 0.02)
Tab Leads Outward Crimp
Part Number Suffix “KA”
Uncoated Disk
Part Number Suffix “KR”
AG ELECTRODE
W
AG ELECTRODE
ZINC OXIDE
DISK
33.66mm ± 0.50
(1.33" ± 0.02)
Note: All drawings with leads
are right side oriented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com