Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD833F2 Datasheet(PDF) 56 Page - STMicroelectronics

Part # PSD833F2
Description  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD833F2 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button PSD833F2 Datasheet HTML 52Page - STMicroelectronics PSD833F2 Datasheet HTML 53Page - STMicroelectronics PSD833F2 Datasheet HTML 54Page - STMicroelectronics PSD833F2 Datasheet HTML 55Page - STMicroelectronics PSD833F2 Datasheet HTML 56Page - STMicroelectronics PSD833F2 Datasheet HTML 57Page - STMicroelectronics PSD833F2 Datasheet HTML 58Page - STMicroelectronics PSD833F2 Datasheet HTML 59Page - STMicroelectronics PSD833F2 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 128 page
background image
PLDS
PSD8XXFX
56/128
Doc ID 7833 Rev 7
14.9
Input macrocells (IMC)
The CPLD has 24 input macrocells (IMC), one for each pin on ports A, B, and C. The
architecture of the input macrocells (IMC) is shown in Figure 16. The input macrocells (IMC)
are individually configurable, and can be used as a latch, register, or to pass incoming port
signals prior to driving them onto the PLD input bus. The outputs of the input macrocells
(IMC) can be read by the MCU through the internal data bus.
The enable for the latch and clock for the register are driven by a multiplexer whose inputs
are a product term from the CPLD AND Array or the MCU Address Strobe (ALE/AS). Each
product term output is used to latch or clock four input macrocells (IMC). port inputs 3-0 can
be controlled by one product term and 7-4 by another.
Configurations for the input macrocells (IMC) are specified by equations written in PSDabel
(see Application Note AN1171). outputs of the input macrocells (IMC) can be read by the
MCU via the IMC buffer (see Section 16: I/O ports).
Input macrocells (IMC) can use Address Strobe (ALE/AS, PD0) to latch address bits higher
than A15. Any latched addresses are routed to the PLDs as inputs.
Input macrocells (IMC) are particularly useful with handshaking communication applications
where two processors pass data back and forth through a common mailbox. Figure 17
shows a typical configuration where the Master MCU writes to the port A Data Out register.
This, in turn, can be read by the Slave MCU via the activation of the “Slave-Read” output
enable product term.
The Slave can also write to the port A input macrocells (IMC) and the Master can then read
the input macrocells (IMC) directly.
Note that the “Slave-Read” and “Slave-Wr” signals are product terms that are derived from
the Slave MCU inputs Read Strobe (RD, CNTL1), Write Strobe (WR, CNTL0), and
Slave_CS.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com