Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD833F2 Datasheet(PDF) 51 Page - STMicroelectronics

Part # PSD833F2
Description  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD833F2 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button PSD833F2 Datasheet HTML 47Page - STMicroelectronics PSD833F2 Datasheet HTML 48Page - STMicroelectronics PSD833F2 Datasheet HTML 49Page - STMicroelectronics PSD833F2 Datasheet HTML 50Page - STMicroelectronics PSD833F2 Datasheet HTML 51Page - STMicroelectronics PSD833F2 Datasheet HTML 52Page - STMicroelectronics PSD833F2 Datasheet HTML 53Page - STMicroelectronics PSD833F2 Datasheet HTML 54Page - STMicroelectronics PSD833F2 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 128 page
background image
PSD8XXFX
PLDS
Doc ID 7833 Rev 7
51/128
14.3
Complex PLD (CPLD)
The CPLD can be used to implement system logic functions, such as loadable counters and
shift registers, system mailboxes, handshaking protocols, state machines, and random logic.
The CPLD can also be used to generate three External Chip Select (ECS0-ECS2), routed to
port D.
Although External Chip Select (ECS0-ECS2) can be produced by any Output macrocell
(OMC), these three External Chip Select (ECS0-ECS2) on port D do not consume any
Output macrocells (OMC).
As shown in Figure 12, the CPLD has the following blocks:
●
24 input macrocells (IMC)
●
16 Output macrocells (OMC)
●
Macrocell Allocator
●
Product Term Allocator
●
AND Array capable of generating up to 137 product terms
●
Four I/O ports.
Each of the blocks are described in the sections that follow.
The input macrocells (IMC) and Output macrocells (OMC) are connected to the PSD
internal data bus and can be directly accessed by the MCU. This enables the MCU software
to load data into the Output macrocells (OMC) or read data from both the input and Output
macrocells (IMC and OMC).
This feature allows efficient implementation of system logic and eliminates the need to
connect the data bus to the AND Array as required in most standard PLD macrocell
architectures.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com