Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD833F2 Datasheet(PDF) 67 Page - STMicroelectronics

Part # PSD833F2
Description  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD833F2 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button PSD833F2 Datasheet HTML 63Page - STMicroelectronics PSD833F2 Datasheet HTML 64Page - STMicroelectronics PSD833F2 Datasheet HTML 65Page - STMicroelectronics PSD833F2 Datasheet HTML 66Page - STMicroelectronics PSD833F2 Datasheet HTML 67Page - STMicroelectronics PSD833F2 Datasheet HTML 68Page - STMicroelectronics PSD833F2 Datasheet HTML 69Page - STMicroelectronics PSD833F2 Datasheet HTML 70Page - STMicroelectronics PSD833F2 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 128 page
background image
PSD8XXFX
I/O ports
Doc ID 7833 Rev 7
67/128
16
I/O ports
There are four programmable I/O ports: ports A, B, C, and D. Each of the ports is eight bits
except port D, which is 3 bits. Each port pin is individually user configurable, thus allowing
multiple functions per port. The ports are configured using PSDsoft Express Configuration
or by the MCU writing to on-chip registers in the CSIOP space.
The topics discussed in this section are:
●
General port architecture
●
Port operating modes
●
Port configuration registers (PCR)
●
Port Data registers
●
Individual port functionality.
16.1
General port architecture
The general architecture of the I/O port block is shown in Figure 25. Individual port
architectures are shown in Figure 27, Figure 28, Figure 29, and Figure 30. In general, once
the purpose for a port pin has been defined, that pin is no longer available for other
purposes. Exceptions are noted.
As shown in Figure 25, the ports contain an output multiplexer whose select signals are
driven by the configuration bits in the Control registers (Ports A and B only) and PSDsoft
Express Configuration.Inputs to the multiplexer include the following:
●
Output data from the Data Out register
●
Latched address outputs
●
CPLD macrocell output
●
External Chip Select (ECS0-ECS2) from the CPLD.
The port Data Buffer (PDB) is a tri-state buffer that allows only one source at a time to be
read. The port Data Buffer (PDB) is connected to the Internal data bus for feedback and can
be read by the MCU. The Data Out and macrocell outputs, Direction and Control registers,
and port pin input are all connected to the port data buffer (PDB).
The port pin’s tri-state output driver enable is controlled by a two input OR gate whose
inputs come from the CPLD AND Array enable product term and the Direction register. If the
enable product term of any of the Array outputs are not defined and that port pin is not
defined as a CPLD output in the PSDabel file, then the Direction register has sole control of
the buffer that drives the port pin.
The contents of these registers can be altered by the MCU. The port Data Buffer (PDB)
feedback path allows the MCU to check the contents of the registers.
Ports A, B, and C have embedded input macrocells (IMC). The input macrocells (IMC) can
be configured as latches, registers, or direct inputs to the PLDs. The latches and registers
are clocked by Address Strobe (ALE/AS, PD0) or a product term from the PLD AND Array.
The outputs from the input macrocells (IMC) drive the PLD input bus and can be read by the
MCU (see Figure 16: Input macrocell).
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com