Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S14PHR Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST1S14PHR
Description  Up to 3 A step-down switching regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S14PHR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST1S14PHR Datasheet HTML 10Page - STMicroelectronics ST1S14PHR Datasheet HTML 11Page - STMicroelectronics ST1S14PHR Datasheet HTML 12Page - STMicroelectronics ST1S14PHR Datasheet HTML 13Page - STMicroelectronics ST1S14PHR Datasheet HTML 14Page - STMicroelectronics ST1S14PHR Datasheet HTML 15Page - STMicroelectronics ST1S14PHR Datasheet HTML 16Page - STMicroelectronics ST1S14PHR Datasheet HTML 17Page - STMicroelectronics ST1S14PHR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
Additional features and limitations
ST1S14
14/46
DocID17977 Rev 2
5
Additional features and limitations
5.1
Maximum duty cycle
The bootstrap circuitry charges, cycle-by-cycle, the external bootstrap capacitor to generate
a voltage higher than VIN necessary to drive the internal N-channel power element.
An internal linear regulator charges the CBOOT during the conduction time of the external
freewheeling diode during the switching activity. The internal logic implements a minimum
OFF time of the high side switch (90 nsec typ.) to prevent the bootstrap discharge at high
duty cycle. As a consequence, the ST1S14 can operate at a maximum duty cycle of around
90 % typ.
The ST1S14 embeds the diode VD1 required for the bootstrap operation.
Figure 7. Bootstrap operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com