Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S14PHR Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST1S14PHR
Description  Up to 3 A step-down switching regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S14PHR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST1S14PHR Datasheet HTML 15Page - STMicroelectronics ST1S14PHR Datasheet HTML 16Page - STMicroelectronics ST1S14PHR Datasheet HTML 17Page - STMicroelectronics ST1S14PHR Datasheet HTML 18Page - STMicroelectronics ST1S14PHR Datasheet HTML 19Page - STMicroelectronics ST1S14PHR Datasheet HTML 20Page - STMicroelectronics ST1S14PHR Datasheet HTML 21Page - STMicroelectronics ST1S14PHR Datasheet HTML 22Page - STMicroelectronics ST1S14PHR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
DocID17977 Rev 2
19/46
ST1S14
Closing the loop
Equation 10
whereas the zero is defined as:
Equation 11
The embedded compensation network is RC=200 K, CP=24 pF, CC=211 pF and CO can be
considered negligible, so the singularities are:
Equation 12
6.3
Voltage divider
The contribution of a simple voltage divider is:
Equation 13
Figure 11. Leading network example
A small signal capacitor in parallel to the upper resistor (see Figure 11.) of the voltage
divider implements a leading network (fzero < fpole), sometimes necessary to improve the
system phase margin:
Equation 14
f
P HF
1
2
π R
c
C
0
C
p
+
()
⋅⋅
⋅
------------------------------------------------------------
=
F
Z
1
2
π R
c
C
c
⋅⋅
⋅
------------------------------------------
=
f
Z
3 77 kHz
,
=
f
P LF
301 Hz
,
=
f
P HF
33 16 kHz
,
=
G
DIV s
()
R
2
R
1
R
2
+
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com