Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S14PHR Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST1S14PHR
Description  Up to 3 A step-down switching regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S14PHR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST1S14PHR Datasheet HTML 14Page - STMicroelectronics ST1S14PHR Datasheet HTML 15Page - STMicroelectronics ST1S14PHR Datasheet HTML 16Page - STMicroelectronics ST1S14PHR Datasheet HTML 17Page - STMicroelectronics ST1S14PHR Datasheet HTML 18Page - STMicroelectronics ST1S14PHR Datasheet HTML 19Page - STMicroelectronics ST1S14PHR Datasheet HTML 20Page - STMicroelectronics ST1S14PHR Datasheet HTML 21Page - STMicroelectronics ST1S14PHR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
Closing the loop
ST1S14
18/46
DocID17977 Rev 2
Equation 7
6.2
Error amplifier compensation network
The ST1S14 embeds the error amplifier (see Figure 10) and a pre-defined compensation
network which is effective in stabilizing the system in most of the application conditions.
Figure 10. Transconductance embedded error amplifier
RC and CC introduce a pole and a zero in the open loop gain. CP does not significantly affect
system stability but it is useful to reduce the noise at the output of the error amplifier.
The transfer function of the error amplifier and its compensation network is:
Equation 8
where Avo = Gm · Ro.
The poles of this transfer function are (if Cc >> C0+CP):
Equation 9
Q
P
1
π
m
C
1D
–
() 0.5
–
⋅
[]
⋅
----------------------------------------------------------------
=
A
0 s
()
A
V0
1s
+
R
c
C
c
⋅⋅
()
⋅
s
2
R
0
C
0
C
p
+
() R
c
C
c
sR
0
C
c
⋅
R
0
C
0
C
p
+
() R
c
C
c
⋅
+
⋅
+
() 1
+
⋅
+
⋅⋅
⋅
⋅
---------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
=
f
P LF
1
2
π R
0
C
c
⋅⋅
⋅
------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com