Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA309A Datasheet(PDF) 64 Page - STMicroelectronics

Part # STA309A
Description  Multi-channel digital audio processor with DDX
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309A Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STA309A Datasheet HTML 59Page - STMicroelectronics STA309A Datasheet HTML 60Page - STMicroelectronics STA309A Datasheet HTML 61Page - STMicroelectronics STA309A Datasheet HTML 62Page - STMicroelectronics STA309A Datasheet HTML 63Page - STMicroelectronics STA309A Datasheet HTML 64Page - STMicroelectronics STA309A Datasheet HTML 65Page - STMicroelectronics STA309A Datasheet HTML 66Page - STMicroelectronics STA309A Datasheet HTML 67Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 64 / 67 page
background image
Package mechanical data
STA309A
64/67
Doc ID 13855 Rev 4
9
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 9.
TQFP64 (10 x 10 x 1.4 mm) package dimensions
OUTLINE AND
MECHANICAL DATA
A
A2
A1
C
16
17
32
33
48
49
64
D3
D1
D
e
1
K
TQFP64
Seating Plane
0.08mm
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.60
0.063
A1
0.05
0.15
0.002
0.006
A2
1.35
1.40
1.45
0.053
0.055
0.057
B
0.17
0.22
0.27
0.0066 0.0086 0.0106
C
0.09
0.0035
D
11.80
12.00
12.20
0.464
0.472
0.480
D1
9.80
10.00
10.20
0.386
0.394
0.401
D3
7.50
0.295
e
0.50
0.0197
E
11.80
12.00
12.20
0.464
0.472
0.480
E1
9.80
10.00
10.20
0.386
0.394
0.401
E3
7.50
0.295
L
0.45
0.60
0.75
0.0177 0.0236 0.0295
L1
1.00
0.0393
K
0˚ (min.), 3.5˚ (min.), 7˚(max.)
ccc
0.080
0.0031
TQFP64 (10 x 10 x 1.4mm)
0051434 E
ccc
Dimension
mm
Inch
Min
Typ
Max
Min
Typ
Max
A
--1.60
-
-
0.063
A1
0.05
-
0.15
0.002
-
0.006
A2
1.351.401.450.053
0.055
0.057
B
0.17
0.22
0.27
0.007
0.009
0.011
C0.09
--0.003
--
D
11.80
12.00
12.20
0.464
0.472
0.480
D1
9.80
10.00
10.20
0.3860.394
0.401
D3
-7.50
--0.295-
e
-
0.50
-
-
0.020
-
E
11.80
12.00
12.20
0.464
0.472
0.480
E1
9.80
10.00
10.20
0.3860.394
0.401
E2
-7.50
--0.295-
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
-1.00
--0.039
-
K
(degrees)
0
3.5
7.0
0
3.5
7.0
ccc
-
-
0.08
-
-
0.003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com