Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA309A Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA309A
Description  Multi-channel digital audio processor with DDX
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA309A Datasheet HTML 5Page - STMicroelectronics STA309A Datasheet HTML 6Page - STMicroelectronics STA309A Datasheet HTML 7Page - STMicroelectronics STA309A Datasheet HTML 8Page - STMicroelectronics STA309A Datasheet HTML 9Page - STMicroelectronics STA309A Datasheet HTML 10Page - STMicroelectronics STA309A Datasheet HTML 11Page - STMicroelectronics STA309A Datasheet HTML 12Page - STMicroelectronics STA309A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
STA309A
Block diagram
Doc ID 13855 Rev 4
9/67
1
Block diagram
Figure 1.
Block diagram
Figure 2.
Channel signal flow
OUT1A/B
OUT2A/B
OUT3A/B
OUT4A/B
OUT5A/B
OUT6A/B
OUT7A/B
OUT8A/B
LRCKI
BICKI
SDI12
SDI34
SDI56
SDI78
SA
SERIAL
DATA
IN
I2C
CHANNEL
MAPPING
VARIABLE
OVER-
SAMPLING
TREBLE,
BASS, EQ
(BIQUADS)
VOLUME
LIMITING
SDO78
SDO12
SDO34
SDO56
OVERSAMPLING
VARIABLE
DOWN-
SAMPLING
POWER
DOWN
PWDN
EAPD
PLL
PLLB
XTI
CKOUT
SCL SDA
LRCKO
BICKO
MVO
SERIAL
DATA
OUT
SYSTEM
CONTROL
SYSTEM TIMING
DDX
1x,2x,4x
Interp
Biquads
B/T
Volume
Limiter
2x
Interp
Distortion
Compensation
NS
C_Con
PWM
DDX
Output
Interp_Rate
8 Inputs
From I2S
DSD
Conversion
6 Inputs
From DSD
Mapping/
Mix #1
DSDE
Mix #2
PreScale
High-Pass
Filter
Biquad
#2
Biquad
#3
Biquad
#4
Biquad
#5
Biquad
#6
Biquad
#7
Biquad
#8
Bass
Hard Set to
-18dB when
AutoMode EQ
(AMEQ)
Hard Set Coeffecients when AutoMode EQ
(AMEQ)
Hard Set
Coeffecients when
AutoMode
Bass Management
Crossover
(AMBMXE)
Hard Set
Coeffecients when
DeEmphasis
Enabled
(DEMP)
From
Mix#1
Engine
Or
Previous
Channel
Biquad#10
Output
(CxBLP)
To
Mix#2
Engine
Treble
User Progammable
Biquad #1 when
High-Pass Bypassed
(HPB)
User Programmable
Biquads #9 and #10
When Tone Bypassed
(CxTCB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com