| Electronic Components Datasheet Search |
|
STA309A Datasheet(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA309A Datasheet(HTML) 17 Page - STMicroelectronics |
|
17 / 67 page ![]() STA309A I2C bus operation Doc ID 13855 Rev 4 17/67 address and if a match is found, it acknowledges the identification on SDA bus during the 9th-bit time. The byte following the device identification byte is the internal space address. 5.3 Write operation Following the START condition the master sends a device select code with the RW bit set to 0. The STA309A acknowledges this and the writes for the byte of internal address. After receiving the internal byte address the STA309A again responds with an acknowledgement. 5.3.1 Byte write In the byte write mode the master sends one data byte, this is acknowledged by the Omega DDX core. The master then terminates the transfer by generating a STOP condition. 5.3.2 Multi-byte write The multi-byte write modes can start from any internal address. The master generating a STOP condition terminates the transfer. Figure 4. Write mode sequence Figure 5. Read mode sequence DEV-ADDR ACK START RW SUB-ADDR ACK DATA IN ACK STOP BYTE WRITE DEV-ADDR ACK START RW SUB-ADDR ACK DATA IN ACK STOP MULTIBYTE WRITE DATA IN ACK DEV-ADDR ACK START RW DATA NO ACK STOP CURRENT ADDRESS READ DEV-ADDR ACK START RW SUB-ADDR ACK DEV-ADDR ACK STOP RANDOM ADDRESS READ DATA NO ACK START RW DEV-ADDR ACK START DATA ACK DATA ACK STOP SEQUENTIAL CURRENT READ DATA NO ACK DEV-ADDR ACK START RW SUB-ADDR ACK DEV-ADDR ACK SEQUENTIAL RANDOM READ DATA ACK START RW DATA ACK NO ACK STOP DATA RW= HIGH |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |