Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STBB1PUR Datasheet(PDF) 10 Page - STMicroelectronics

Part # STBB1PUR
Description  1 A, high efficiency single inductor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB1PUR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STBB1PUR Datasheet HTML 6Page - STMicroelectronics STBB1PUR Datasheet HTML 7Page - STMicroelectronics STBB1PUR Datasheet HTML 8Page - STMicroelectronics STBB1PUR Datasheet HTML 9Page - STMicroelectronics STBB1PUR Datasheet HTML 10Page - STMicroelectronics STBB1PUR Datasheet HTML 11Page - STMicroelectronics STBB1PUR Datasheet HTML 12Page - STMicroelectronics STBB1PUR Datasheet HTML 13Page - STMicroelectronics STBB1PUR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Detailed description
STBB1XX
10/21
Doc ID 15474 Rev 5
6.3
External synchronization
The STBB1 implements external synchronization pin. If and external clock signal is applied
to the MODE (SYN) pin with a frequency between 1.35 MHz and 2.0 MHz and with proper
low/high levels, the device automatically goes in PWM mode and the external clock is used
as switching oscillator.
6.4
Enable pin
The device operates when EN pin is set high. If EN pin is set low the device stops switching,
all the internal blocks are turned off. In this condition the current drawn from VIN/VINA is
below 1 µA in the whole temperature range. In addition the internal switches are in off state
so the load is electrically disconnected from the input, this avoids unwanted current leakage
from the input to the load.
6.5
Protection features
The STBB1 implements different types of protection features.
6.5.1
Soft-start and short-circuit
After the EN pin is pulled high, or after a suitable voltage is applied to VIN, VINA and EN the
device initiates the startup phase. The average current limit is set to 400 mA at the
beginning and is gradually increased while tracking the output voltage increase. As soon the
output voltage reaches 1.0 V the average current limit is set to its nominal value.
This method allows for a current limit proportional to the output voltage. If there is a short in
the VOUT pin, the output current will not exceed 400 mA.
This process is not handled by a timer so the device is also able to start up even with large
capacitive loads.
6.5.2
Under-voltage lockout
The under voltage lockout function prevents improper operation of STBB1 when the input
voltage is not high enough. When the input voltage is below the VUVLO threshold the device
is in shutdown mode. The hysteresis of 100 mV prevents unstable operation when the input
voltage is close to the UVLO threshold.
6.5.3
Over-temperature protection
An internal temperature sensor continuously monitors the IC junction temperature. If the IC
temperature exceeds 140 °C typically the device stops operating. As soon as the
temperature falls below 120 °C typically normal operation is restored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com