Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STBB1PUR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STBB1PUR
Description  1 A, high efficiency single inductor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB1PUR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STBB1PUR Datasheet HTML 8Page - STMicroelectronics STBB1PUR Datasheet HTML 9Page - STMicroelectronics STBB1PUR Datasheet HTML 10Page - STMicroelectronics STBB1PUR Datasheet HTML 11Page - STMicroelectronics STBB1PUR Datasheet HTML 12Page - STMicroelectronics STBB1PUR Datasheet HTML 13Page - STMicroelectronics STBB1PUR Datasheet HTML 14Page - STMicroelectronics STBB1PUR Datasheet HTML 15Page - STMicroelectronics STBB1PUR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Typical performance characteristics
STBB1XX
12/21
Doc ID 15474 Rev 5
Figure 11.
Boost region operation
Figure 12.
Buck-boost region operation
VIN = 2.5 V VO = 3.3 V IO = 200 mA, PWM mode
VIN = 3.6 V VO = 3.3 V IO = 100 mA, pulse skipping mode
Figure 13.
Buck-boost region operation
Figure 14.
Buck-boost region operation
VIN = 3.6 V VO = 3.3 V IO = 500 mA, PWM mode
VIN = 3.6 V VO = 3.3 V IO = 50 mA, PWM mode
Figure 15.
Buck region operation
Figure 16.
Buck region operation
VIN = 4.2 V VO = 3.3 V IO = 100 mA, pulse skipping mode
VIN = 4.2 V VO = 3.3 V IO = 500 mA, PWM mode
SW1
3 V/div
SW2
3 V/div
I
L
0.2 A/div
V
O
20 mV/div
AC Coupled
TIMEBASE: 0.5
µs/div
SW1
3 V/div
SW2
3 V/div
I
L
0.2 A/div
V
O
20 mV/div
AC Coupled
TIMEBASE: 0.5
µs/div
SW1
3 V/div
SW2
3 V/div
I
L
0.2 A/div
V
O
100 mV/div
AC Coupled
TIMEBASE: 1µs/div
SW1
3 V/div
SW2
3 V/div
I
L
0.2 A/div
V
O
100 mV/div
AC Coupled
TIMEBASE: 1µs/div
SW1
3 V/div
SW2
3 V/div
I
L
0.3 A/div
V
O
30 mV/div
AC Coupled
TIMEBASE: 0.5
µs/div
SW1
3 V/div
SW2
3 V/div
I
L
0.3 A/div
V
O
30 mV/div
AC Coupled
TIMEBASE: 0.5
µs/div
SW1
3 V/div
SW2
3 V/div
I
L
0.1 A/div
V
O
20 mV/div
AC Coupled
TIMEBASE: 1
µs/div
SW1
3 V/div
SW2
3 V/div
I
L
0.1 A/div
V
O
20 mV/div
AC Coupled
TIMEBASE: 1
µs/div
SW1
3 V/div
SW2
3 V/div
I
L
0.4 A/div
V
O
300 mV/div
AC Coupled
TIMEBASE: 2
µs/div
SW1
3 V/div
SW2
3 V/div
I
L
0.4 A/div
V
O
300 mV/div
AC Coupled
TIMEBASE: 2
µs/div
SW1
3 V/div
SW2
3 V/div
I
L
0.4 A/div
V
O
20 mV/div
AC Coupled
TIMEBASE: 0.2
µs/div
SW1
3 V/div
SW2
3 V/div
I
L
0.4 A/div
V
O
20 mV/div
AC Coupled
TIMEBASE: 0.2
µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com